Electronic Components Datasheet Search
  English  ▼

X  

EP5357LUI Datasheet(PDF) 15 Page - Altera Corporation

Part # EP5357LUI
Description  600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5357LUI Datasheet(HTML) 15 Page - Altera Corporation

Back Button EP5357LUI Datasheet HTML 11Page - Altera Corporation EP5357LUI Datasheet HTML 12Page - Altera Corporation EP5357LUI Datasheet HTML 13Page - Altera Corporation EP5357LUI Datasheet HTML 14Page - Altera Corporation EP5357LUI Datasheet HTML 15Page - Altera Corporation EP5357LUI Datasheet HTML 16Page - Altera Corporation EP5357LUI Datasheet HTML 17Page - Altera Corporation EP5357LUI Datasheet HTML 18Page - Altera Corporation EP5357LUI Datasheet HTML 19Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
EP5357LUI/EP5357HUI
temperature, and are not suitable for switch-
mode DC-DC converter input filter applications.
Output Filter Capacitor
For VIN
≤ 4.3V, C
OUT_MIN = 10uF 0603 MLCC.
For VIN > 4.3V, COUT_MIN = 10uF 0805 MLCC.
Ripple performance can be improved by using
2x10µF
0603
MLCC
capacitors
(for
any
allowed VIN).
The maximum output filter capacitance next to
the output pins of the device is 60µF low ESR
MLCC capacitance. VOUT has to be sensed at
the last output filter capacitor next to the
EP5357xUI.
Additional bulk capacitance for decoupling and
bypass can be placed at the load as long as
there is sufficient separation between the VOUT
Sense point and the bulk capacitance.
Excess total capacitance on the output (Output
Filter
+
Bulk)
can cause an over-current
condition at startup.
Refer to the section on
Soft-Start for the maximum total capacitance
on the output.
The output capacitor must use a X5R or X7R
or equivalent dielectric formulation.
Y5V or
equivalent
dielectric
formulations
lose
capacitance
with
frequency,
bias,
and
temperature and are not suitable for switch-
mode
DC-DC
converter
output
filter
applications
.
15
www.altera.com/enpirion
03409
October 11, 2013
Rev E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com