Electronic Components Datasheet Search
  English  ▼

X  

EP5357HUI Datasheet(PDF) 8 Page - Altera Corporation

Part # EP5357HUI
Description  600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5357HUI Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP5357HUI Datasheet HTML 4Page - Altera Corporation EP5357HUI Datasheet HTML 5Page - Altera Corporation EP5357HUI Datasheet HTML 6Page - Altera Corporation EP5357HUI Datasheet HTML 7Page - Altera Corporation EP5357HUI Datasheet HTML 8Page - Altera Corporation EP5357HUI Datasheet HTML 9Page - Altera Corporation EP5357HUI Datasheet HTML 10Page - Altera Corporation EP5357HUI Datasheet HTML 11Page - Altera Corporation EP5357HUI Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
EP5357LUI/EP5357HUI
Load Transient: VIN = 5.0V, VOUT = 1.2V
Load stepped from 0mA to 500mA, LLM enabled
Load Transient: VIN = 5.0V, VOUT = 1.2V
Load stepped from 10mA to 500mA
Load Transient: VIN = 3.3V, VOUT = 1.8V
Load stepped from 0mA to 500mA, LLM enabled
Load Transient: VIN = 3.3V, VOUT = 1.8V
Load stepped from 10mA to 500mA
8
www.altera.com/enpirion
03409
October 11, 2013
Rev E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com