Electronic Components Datasheet Search
  English  ▼

X  

2SC4226 Datasheet(PDF) 5 Page - NEC

Part # 2SC4226
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4226 Datasheet(HTML) 5 Page - NEC

  2SC4226 Datasheet HTML 1Page - NEC 2SC4226 Datasheet HTML 2Page - NEC 2SC4226 Datasheet HTML 3Page - NEC 2SC4226 Datasheet HTML 4Page - NEC 2SC4226 Datasheet HTML 5Page - NEC 2SC4226 Datasheet HTML 6Page - NEC 2SC4226 Datasheet HTML 7Page - NEC 2SC4226 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC4226
S-PARAMETER
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.750
–45.7
11.858
144.0
.035
63.3
.816
–28.5
200.00
.618
–84.9
10.093
122.3
.053
53.2
.609
–41.8
300.00
.528
–114.5
8.219
107.7
.064
50.6
.481
–46.7
400.00
.483
–134.3
6.684
97.9
.073
50.6
.411
–49.1
500.00
.459
–148.5
5.565
90.5
.081
50.7
.365
–50.5
600.00
.447
–158.8
4.737
84.6
.089
52.3
.337
–51.5
700.00
.441
–167.4
4.134
79.7
.098
53.5
.316
–52.6
800.00
.439
–174.4
3.653
75.2
.107
54.2
.300
–54.2
900.00
.437
179.2
3.283
71.1
.117
54.9
.290
–55.9
1000.00
.437
173.7
2.978
67.2
.126
55.6
.281
–57.9
1100.00
.440
168.6
2.732
63.7
.136
55.8
.275
–59.6
1200.00
.443
163.9
2.533
60.0
.147
55.3
.270
–62.3
1300.00
.444
159.6
2.357
56.6
.158
55.4
.267
–64.7
1400.00
.449
155.5
2.216
53.4
.169
55.3
.264
–67.5
1500.00
.450
151.6
2.077
50.3
.180
54.7
.259
–70.6
1600.00
.455
147.9
1.972
47.4
.192
54.5
.258
–73.3
1700.00
.459
144.3
1.868
44.3
.202
53.9
.256
–76.3
1800.00
.462
140.9
1.789
41.3
.214
53.0
.255
–79.6
1900.00
.466
137.5
1.702
38.4
.226
52.3
.253
–83.0
2000.00
.470
134.4
1.635
36.1
.238
51.5
.253
–86.4
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.819
–38.9
8.934
148.0
.038
65.8
.868
–23.6
200.00
.701
–73.4
8.007
127.6
.060
53.1
.687
–36.7
300.00
.608
–102.3
6.898
112.6
.072
47.6
.560
–42.4
400.00
.549
–123.6
5.819
101.8
.079
45.2
.483
–45.4
500.00
.511
–139.6
4.970
93.5
.086
45.7
.434
–47.2
600.00
.494
–151.0
4.255
86.9
.093
46.5
.402
–48.6
700.00
.481
–160.8
3.750
81.4
.099
47.2
.379
–49.9
800.00
.475
–168.6
3.328
76.3
.107
48.9
.361
–51.5
900.00
.472
–175.7
3.004
72.0
.113
49.7
.350
–53.4
1000.00
.471
178.2
2.734
67.7
.122
50.9
.340
–55.4
1100.00
.473
172.8
2.522
64.0
.130
51.6
.332
–57.3
1200.00
.474
167.6
2.355
60.2
.139
52.3
.328
–59.7
1300.00
.474
162.9
2.176
56.7
.148
53.1
.322
–62.3
1400.00
.477
158.4
2.038
53.2
.158
53.3
.319
–65.2
1500.00
.481
154.4
1.921
49.8
.168
53.7
.315
–68.2
1600.00
.484
150.3
1.818
46.7
.177
53.3
.313
–70.9
1700.00
.489
146.5
1.726
43.9
.190
53.3
.312
–73.9
1800.00
.490
142.9
1.647
40.6
.200
53.0
.312
–77.2
1900.00
.495
139.3
1.578
37.6
.212
52.7
.309
–80.8
2000.00
.501
136.0
1.505
35.0
.223
52.0
.309
–84.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com