Electronic Components Datasheet Search
  English  ▼

X  

HER302 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # HER302
Description  3.0A HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HER302 Datasheet(HTML) 1 Page - Diodes Incorporated

  HER302 Datasheet HTML 1Page - Diodes Incorporated HER302 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S25003 Rev. D-3
1 of 2
HER301-HER305
Features
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Axial Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Color Band Denotes Cathode
·
Approx. Weight: 1.2 grams
Ratings at 25° C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
Maximum Ratings and Electrical Characteristics
Characteristic
Symbol
HER301
HER302
HER303
HER304
HER305
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
V
Maximum DC Blocking voltage
VDC
50
100
200
300
400
V
Maximum Average Forward Rectified Current 9.5mm Lead
Length
@ TA=50°C
I(AV)
3.0
A
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load
(JEDEC method)
IFM
125
A
Maximum Instantaneous Forward Voltage at 3.0 A DC
VF
1.1
V
Maximum DC Reverse Current at Rated DC Blocking
Voltage
@ TA=25°C
IR
10
µA
Maximum Full Load Reverse Current Full Cycle Average
9.5mm Lead Length
@ TC=55°C
IR
150
µA
Maximum Reverse Recovery Time (Note 1)
TRR
50
nS
Typical Junction Capacitance (Note 2)
CJ
70
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR=0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
·
Low Power Loss, High Efficiency
·
Low Leakage
·
Low Forward Voltage Drop
·
High Current Capability
·
High Speed Switching
·
High Surge Current Rating
·
High Reliability
·
Plastic Material - UL Flammability
Classification 94V-0
A
A
B
C
D
HER301 - HER305
3.0A HIGH EFFICIENCY RECTIFIER
DO-201AD
Dim
Min
Max
A
25.4
—
B
—
9.5
C
1.2
1.3
D
4.8
5.2
All Dimensions in mm


Similar Part No. - HER302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER302 MOSPEC-HER302 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
HER302 WTE-HER302 Datasheet
48Kb / 3P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER302 ZOWIE-HER302 Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER302 RECTRON-HER302 Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
logo
Jinan Gude Electronic D...
HER302 JGD-HER302 Datasheet
169Kb / 2P
3.0 AMPS.HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER301 MOSPEC-HER301 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
HER306 MOSPEC-HER306 Datasheet
126Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
MH31 MOSPEC-MH31 Datasheet
130Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
MH36 MOSPEC-MH36 Datasheet
134Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Won-Top Electronics
HER301 WTE-HER301 Datasheet
48Kb / 3P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Diodes Incorporated
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
3.0A RECTIFIER
DS28007 Rev. E-2
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
3.0A Rectifier
logo
New Jersey Semi-Conduct...
HER301 NJSEMI-HER301 Datasheet
376Kb / 1P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
3.0A RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
1N5400 NJSEMI-1N5400 Datasheet
86Kb / 1P
3.0A RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com