Electronic Components Datasheet Search
  English  ▼

X  

PI2PCIE2212 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2212
Description  PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2212 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2PCIE2212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2212 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8971B
02/08/13
Features
• 2DifferentialChannel,2:1Mux/DeMux
• PCIExpress®2.0performance,5.0Gbps
• Bi-directionaloperation
• LowBit-to-BitSkew,7ps
• LowCrosstalk:-38dB@2.5GHz
• LowOffIsolation:-25dB@2.5GHz
• VDDOperatingRange:1.5Vto1.8V±0.1V
• ESDTolerance:2kV
• Packaging:–28-contactTQFN(3.5×5.5mm)
Description
PericomSemiconductor’sPI2PCIE2212isa4to2differential,
bi-directionalchannelmultiplexer/demultiplexerswitch.Dueto
itslowbit-to-bitskew,highchannel-to-channelnoiseisolation
andbandwidth,thisproductisidealforPCIExpress®2.0signal
switchingat5.0Gbps.
Application
SwitchaPCIExpress®laneoutputbetweentwoPCIExpresslane
inputs
Block Diagram
Pin Description (Top-SideView)
PI2PCIE2212
A0+
A0-
A1+
A1-
B0+
B0-
B1+
B1-
C0+
C0-
C1+
C1-
SEL
Truth Table
Function
SEL
AtoB
L
AtoC
H
GND
SEL
AO+
B0+
B0-
B1+
B1-
C1-
VDD
GND
C0+
C1+
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
28 27 26 25
11 12 13 14
GND
AO-
A1+
A1-
GND
VDD
C0-
VDD
VDD
PCI Express® 2.0, 1-Lane,
2:1 Mux/DeMux Switch w/ Single Enable
13-0023


Similar Part No. - PI2PCIE2212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI2PCIE2214ZHEX PERICOM-PI2PCIE2214ZHEX Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
More results

Similar Description - PI2PCIE2212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com