Electronic Components Datasheet Search
  English  ▼

X  

LM4675 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM4675
Description  Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4675 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4675 Datasheet HTML 7Page - Texas Instruments LM4675 Datasheet HTML 8Page - Texas Instruments LM4675 Datasheet HTML 9Page - Texas Instruments LM4675 Datasheet HTML 10Page - Texas Instruments LM4675 Datasheet HTML 11Page - Texas Instruments LM4675 Datasheet HTML 12Page - Texas Instruments LM4675 Datasheet HTML 13Page - Texas Instruments LM4675 Datasheet HTML 14Page - Texas Instruments LM4675 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LM4675, LM4675SDBD, LM4675TLBD
www.ti.com
SNAS353C – AUGUST 2006 – REVISED MAY 2013
The use of power and ground planes will give the best THD+N performance. While reducing trace resistance, the
use of power planes also creates parasite capacitors that help to filter the power supply line.
The inductive nature of the transducer load can also result in overshoot on one or both edges, clamped by the
parasitic diodes to GND and VDD in each case. From an EMI standpoint, this is an aggressive waveform that can
radiate or conduct to other components in the system and cause interference. It is essential to keep the power
and output traces short and well shielded if possible. Use of ground planes, beads, and micro-strip layout
techniques are all useful in preventing unwanted interference.
As the distance from the LM4675 and the speaker increase, the amount of EMI radiation will increase since the
output wires or traces acting as antenna become more efficient with length. What is acceptable EMI is highly
application specific. Ferrite chip inductors placed close to the LM4675 may be needed to reduce EMI radiation.
The value of the ferrite chip is very application specific.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection ratio (PSRR). The capacitor (CS) location should be as close as possible to the LM4675. Typical
applications employ a voltage regulator with a 10µF and a 0.1µF bypass capacitors that increase supply stability.
These capacitors do not eliminate the need for bypassing on the supply pin of the LM4675. A 4.7µF tantalum
capacitor is recommended.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the LM4675 contains shutdown circuitry that reduces
current draw to less than 0.01µA. The trigger point for shutdown is shown as a typical value in the Electrical
Characteristics Tables and in the Shutdown Hysteresis Voltage graphs found in the Typical Performance
Characteristics section. It is best to switch between ground and supply for minimum current usage while in the
shutdown state. While the LM4675 may be disabled with shutdown voltages in between ground and supply, the
idle current will be greater than the typical 0.01µA value.
The LM4675 has an internal resistor connected between GND and Shutdown pins. The purpose of this resistor is
to eliminate any unwanted state changes when the Shutdown pin is floating. The LM4675 will enter the shutdown
state when the Shutdown pin is left floating or if not floating, when the shutdown voltage has crossed the
threshold. To minimize the supply current while in the shutdown state, the Shutdown pin should be driven to
GND or left floating. If the Shutdown pin is not driven to GND, the amount of additional resistor current due to the
internal shutdown resistor can be found by Equation 1 below.
(VSD - GND) / 300kΩ
(1)
With only a 0.5V difference, an additional 1.7µA of current will be drawn while in the shutdown state.
PROPER SELECTION OF EXTERNAL COMPONENTS
The gain of the LM4675 is set by the external resistors, Ri in Figure 2, The Gain is given by Equation 2 below.
Best THD+N performance is achieved with a gain of 2V/V (6dB).
AV = 2 * 150 kΩ / Ri
(V/V)
(2)
It is recommended that resistors with 1% tolerance or better be used to set the gain of the LM4675. The Ri
resistors should be placed close to the input pins of the LM4675. Keeping the input traces close to each other
and of the same length in a high noise environment will aid in noise rejection due to the good CMRR of the
LM4675. Noise coupled onto input traces which are physically close to each other will be common mode and
easily rejected by the LM4675.
Input capacitors may be needed for some applications or when the source is single-ended (see Figure 26,
Figure 28). Input capacitors are needed to block any DC voltage at the source so that the DC voltage seen
between the input terminals of the LM4675 is 0V. Input capacitors create a high-pass filter with the input
resistors, Ri. The –3dB point of the high-pass filter is found using Equation 3 below.
fC = 1 / (2πRi Ci )
(Hz)
(3)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com