Electronic Components Datasheet Search
  English  ▼

X  

LBT17201 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBT17201
Description  SAW Filter Electrical Characteristic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT17201 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBT17201 Datasheet HTML 1Page - SIPAT Co,Ltd LBT17201 Datasheet HTML 2Page - SIPAT Co,Ltd LBT17201 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIPAT Co.,Ltd www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
Electrical Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency, f0
MHz
-
172.8
-
Insertion Loss at 172.8 MHz
dB
-
17.2
20
Amplitude Variation
MHz
f
42
.
4
0 ±
dB p-p
-
0.8
1.5
Group Delay Variation
MHz
f
42
.
4
0 ±
nsec
-
80
200
VSWR
MHz
f
42
.
4
0 ±
-
1.3:1
-
Phase ripple
MHz
f
42
.
4
0 ±
degree
-
10
-
1.5dB bandwidth
MHz
8.84
9.31
-
Rejection (relative to IL)
MHz
f
MHz
f
10
....
5
.
7
0
0
±
±
MHz
f
MHz
f
20
....
10
0
0
±
±
MHz
f
MHz
f
50
....
20
0
0
±
±
MHz
f
MHz
f
100
....
50
0
0
±
±
dB
dB
dB
dB
35
30
45
45
40
35
48
50
-
-
-
-
Operating Temperature Range
OC
-30 to +85
OC
Notes:
1. All specifications are based on the test circuit shown below
2. Electrical margin has been built into the design to account for the variations due to manufacturing
tolerances
3. Relative to Insertion loss at 172.8 MHz
4. This specification is valid for room temperature only
Matching Schematic
Actual matching values may vary due to PCB layout and parasitics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com