Electronic Components Datasheet Search
  English  ▼

X  

LBT20013 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT20013
Description  200MHz SAW Filter 4.5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT20013 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT20013 Datasheet HTML 1Page - SIPAT Co,Ltd LBT20013 Datasheet HTML 2Page - SIPAT Co,Ltd LBT20013 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT20013
Rev. Date
2012-07-02
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
200MHz SAW Filter
4.5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBT20013
T20013
T20013
T20013
Features
�
For RF SAW filter
�
Single-ended operation
�
Ceramic Surface Mount Package
�
Small size
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
200
Insertion Loss
dB
9.1
13
1 dB Bandwidth
MHz
4.5
5.09
3 dB Bandwidth
MHz
5.5
6.01
40 dB Bandwidth
MHz
8.89
10
Passband Variation
dB
0.4
1.0
Ultimate Rejection
(f0±5MHz)
dB
40
42
(f0±30MHz)
dB
50
52
Absolute Delay
usec
0.9
1.0
Material Temperature coefficient
ppm/°C
-3.6
Substrate Material
-
112LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-30
-
+80
Storage Temperature Range
°C
-40
-
+85
ESD Class
-
1A
Package Size
SMD9.1*7.1
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT20013

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT20014 SIPAT-LBT20014 Datasheet
324Kb / 3P
200MHz SAW Filter 9.15MHz Bandwidth
LBT20015 SIPAT-LBT20015 Datasheet
322Kb / 3P
200MHz SAW Filter 13.85MHz Bandwidth
LBT20016 SIPAT-LBT20016 Datasheet
324Kb / 3P
200MHz SAW Filter 18.5MHz Bandwidth
More results

Similar Description - LBT20013

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LBN20002 SIPAT-LBN20002 Datasheet
139Kb / 3P
200MHz SAW Filter 61MHz Bandwidth
LBT07088 SIPAT-LBT07088 Datasheet
275Kb / 3P
70MHz SAW Filter 4.5MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
144Kb / 3P
200MHz SAW Filter 19MHz Bandwidth
LBN20010 SIPAT-LBN20010 Datasheet
152Kb / 3P
200MHz SAW Filter 75MHz Bandwidth
LBS13302 SIPAT-LBS13302 Datasheet
355Kb / 3P
132.5MHz SAW Filter 4.5MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
LBT07088 SIPAT-LBT07088 Datasheet
281Kb / 3P
70MHz SAW Filter 4.5MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
152Kb / 3P
200MHz SAW Filter 9MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
150Kb / 3P
200MHz SAW Filter 19MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com