Electronic Components Datasheet Search
  English  ▼

X  

LBT26005 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT26005
Description  260MHz SAW Filter 14.3MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT26005 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT26005 Datasheet HTML 1Page - SIPAT Co,Ltd LBT26005 Datasheet HTML 2Page - SIPAT Co,Ltd LBT26005 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT26005
Rev. Date
2013-04-19
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
260MHz SAW Filter
14.3MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LBT26005
LBT26005
LBT26005
LBT26005
Features
�
For IF SAW filter
�
Single-ended operation
�
Ceramic Surface Mount Package
�
Small size
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
259.8
260
260.2
Insertion Loss
dB
22.8
24
3dB Bandwidth
MHz
14.3
14.42
10dB Bandwidth
MHz
15.25
15.6
25dB Bandwidth
MHz
16.13
17.2
35dB Bandwidth
MHz
16.48
19.0
45dB Bandwidth
MHz
16.77
21.0
Passband Variation
dB
0.8
1.5
Ultimate Rejection
dB
45
46
Absolute
Delay
usec
1.19
4.0
Material Temperature coefficient
KHz/°C
-4.68
Substrate Material
-
112LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
+85
Storage Temperature Range
°C
-45
-
+105
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP2212
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT26005

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT26002 SIPAT-LBT26002 Datasheet
321Kb / 3P
260MHz SAW Filter 14.2MHz Bandwidth
LBT26003 SIPAT-LBT26003 Datasheet
323Kb / 3P
260MHz SAW Filter 9.3MHz Bandwidth
More results

Similar Description - LBT26005

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN16029 SIPAT-LBN16029 Datasheet
141Kb / 3P
160MHz SAW Filter 14.3MHz Bandwidth
LBN14074 SIPAT-LBN14074 Datasheet
140Kb / 3P
140MHz SAW Filter 14.3MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0358A TAI-SAW-TB0358A Datasheet
375Kb / 6P
260MHz IF SAW Filter (BW=30 MHz)
logo
SIPAT Co,Ltd
LBN14074 SIPAT-LBN14074 Datasheet
145Kb / 3P
140MHz SAW Filter 14.3MHz Bandwidth
LBN16029 SIPAT-LBN16029 Datasheet
147Kb / 3P
160MHz SAW Filter 14.3MHz Bandwidth
LBN26004 SIPAT-LBN26004 Datasheet
320Kb / 3P
260MHz SAW Filter 14.3MHz Bandwidth
LBT26002 SIPAT-LBT26002 Datasheet
321Kb / 3P
260MHz SAW Filter 14.2MHz Bandwidth
LBT26003 SIPAT-LBT26003 Datasheet
323Kb / 3P
260MHz SAW Filter 9.3MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1192A TAI-SAW-TB1192A Datasheet
223Kb / 7P
SAW Filter 260MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com