Electronic Components Datasheet Search
  English  ▼

X  

LBT30701 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT30701
Description  307.2MHz SAW Filter 4.6MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT30701 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT30701 Datasheet HTML 1Page - SIPAT Co,Ltd LBT30701 Datasheet HTML 2Page - SIPAT Co,Ltd LBT30701 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT30701
Rev. Date
2013-09-18
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
307.2MHz SAW Filter
4.6MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBT30701
T30701
T30701
T30701
Features
�
For IF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
306.7
307.2
307.7
Insertion Loss
dB
-
13.5
20
1dB Bandwidth
MHz
4.6
4.73
-
20dB Bandwidth
MHz
-
8.99
-
Passband Variation(f0±2.3MHz)
dB
-
0.6
1.0
Group delay variation (f0±2.3MHz)
Ns
-
60
50
Absolute Delay
usec
-
0.7
-
Ultimate Rejection
150~229MHz
dB
45
60
-
229.9~294.7MHz
dB
40
50
-
294.7~299.7MHz
dB
30
40
-
299.7~302.2MHz
dB
20
25
-
312.2~314.7MHz
dB
20
25
-
314.7~319.7MHz
dB
35
40
-
319.7~559.5MHz
dB
45
50
-
559.5~809.5MHz
dB
40
50
-
809.5~1500MHz
dB
30
45
-
1500~3300MHz
dB
10
12
-
Material Temperature coefficient
KHz/°C
-5.53
Substrate Material
-
112LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
-
105
ESD Class
-
1A
Package Size
SMD7.0*5.0
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and


Similar Part No. - LBT30701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT34.368A SIPAT-LBT34.368A Datasheet
69Kb / 1P
SAW filter technical specification
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
340MHz SAW Filter 8MHz Bandwidth
LBT34368A SIPAT-LBT34368A Datasheet
68Kb / 1P
SAW filter technical specification
LBT35005 SIPAT-LBT35005 Datasheet
143Kb / 3P
350MHz SAW Filter 14MHz Bandwidth
More results

Similar Description - LBT30701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBT08024 SIPAT-LBT08024 Datasheet
141Kb / 3P
80MHz SAW Filter 4.6MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
logo
SIPAT Co,Ltd
LBT08024 SIPAT-LBT08024 Datasheet
146Kb / 3P
80MHz SAW Filter 4.6MHz Bandwidth
LBT15801 SIPAT-LBT15801 Datasheet
255Kb / 3P
157.8MHz SAW Filter 4.6MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1180A TAI-SAW-TB1180A Datasheet
177Kb / 7P
SAW Filter 307.2MHz 41MHz BW (SMD 9.1횞7.1 mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com