Electronic Components Datasheet Search
  English  ▼

X  

PCMC135T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCMC135T
Description  Power choke coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCMC135T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCMC135T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power choke coils
■ PCMB series, PCMC series

Components
● Low profile (3.0 mm max) and small size (7.3mm x6.6mm)
● Occupying small board spaces  
● Low loss and high saturating current.
▪ Dimensions・
Electrical characteristics
▪ Equivalent circuits
Features
● PCs, servers, power sources, mobile devices, flat screen TVs etc.
Applications
Specifications
*All made to order.
PCMC 13** - *** M N(S,T)
Part code
Material:refer to the table for electrical characteristics
Size
(063T=6.6*7.3*3.0mm, 104T=10*11.5*4.0mm,
 133E=12.6*13.8*3.5mm, 135T=12.6*13.8*5.0mm)
Inductance value(R56=0.56mH, R68=0.68mH)
Inductance tolerance M=±20%
L
W
T
Series
name
Size
L×W×T
(mm)
L0
Inductance
(uH)
DC resistance
(mΩ)
Rated
current(A)
Saturating
current(A) Packaging
Typical Max Typical Typical
PCMB065T-
XXXMS
6.6×7.05
×4.8
0.2
0.9
1.2
32
50
1,000
pcs/reel
0.22
1.2
1.4
30
50
0.36
3.2
3.5
21
25
0.40
3.2
3.5
20
23
0.47
3.5
3.9
20
23
0.56
3.4
3.6
20
18
0.68
3.9
4.2
18
16
0.82
4.6
4.9
16.5
17
1.0
5.6
6.5
13
15
1.2
6
7.5
11
12
1.5
6.7
7.5
11
12
2.2
11.2
12.5
8
12
3.3
19.9
20.9
7
8
4.7
23
25
6.5
7
8.2
40
43
5.5
5.5
PCMB101E-
XXXMS
10×10.85
×1.3
0.68
15
16
7.5
16
0.82
16
18
6.0
14
1
18
21
5.5
12
PCMB103T-
XXXMS
10×11.15
×2.8
0.36
1.3
1.6
23
28
0.47
2.1
2.5
23
26
0.56
2.4
3
22
24
0.68
2.9
3.4
21
23
1.0
5.3
6
13
18
1.5
6.5
7.5
13
20
2.2
8
9
13
16
3.3
14.5
16
9
14
4.7
20.5
22.5
7
13
8.2
35
45
5
8.5
10
50
55
5
7.5
PCMB103E-
XXXMS
10×11.15
×3.3
1.0
2.7
3.0
20
27
PCMB104T-
XXXMS
10×11×
3.8
0.15
0.5
0.65
40
75
0.19
0.7
0.8
38
60
0.22
0.9
1.0
35
60
0.36
1.05
1.2
30
50
0.39
1.1
1.2
31
45
0.41
1.1
1.3
30
60
0.47
1.6
1.8
26
40
0.56
1.6
1.8
25
33
0.68
2.4
2.7
22
39
0.88
2.7
3.0
20
38
1.0
3
3.3
18
28
1.5
3.8
4.2
16
32
1.8
4.5
5
15
15
2.0
5.2
5.8
14
14
2.2
6.0
7
12
18
3.3
10.8
11.8
10
16
4.7
17
20
8.5
15
5.6
20
23
7.5
14
6.8
22.5
25
6.5
9
10
27.5
30
7.5
8.5
Series
name
Size
L×W×T
(mm)
L0
Inductance
(uH)
DC resistance
(mΩ)
Rated
current(A)
Saturating
current(A) Packaging
Typical Max Typical Typical
PCMB104T-
XXXMS
10×11×
3.8
15
40
45
6.25
7.0
1,000
pcs/reel
22
60
66
5.0
5.5
33
85
92
4.4
5.0
47
130
145
3.3
3.5
68
178
195
2.3
3.0
PCMB104E-
XXXMS
10×11×
4.3
1.0
2.7
3.2
22
34
2.2
5.8
7
14
16
3.3
11
13.2
11
14.5
4.7
13.2
15
10
13
5.6
16
18.5
8.5
10.5
6.8
21.5
24
7.5
9.5
PCMC133E-
XXXMF
12.6×
13.45×3.3
0.22
1.1
1.3
38
65
500
pcs/reel
0.33
1.3
1.5
36.5
62
0.39
1.1
1.3
38
65
0.47
1.7
2
32
55
0.56
1.8
2.2
29
51
0.62
1.8
2.2
29
51
0.68
2.3
2.5
28
49
1.0
3.3
3.5
24
40
1.5
5.1
5.5
19
35
2.2
7.2
8.0
16
29
3.3
10
12
12
27
PCMC135T-
XXXMF
12.6×
13.45×4.8
0.15
0.55
0.70
45
110
0.36
0.77
1.1
41
75
0.47
1.1
1.3
38
65
0.5
1.2
1.5
36
55
0.56
1.2
1.5
36
55
0.62
1.5
1.7
34
54
0.68
1.5
1.7
34
54
0.82
1.8
2.1
31
53
1.0
2.1
2.5
29
50
1.2
2.6
3.0
25
49
1.5
3.4
4.1
23
48
2.2
4.6
5.5
20
32
3.3
7.7
9.2
15
32
4.7
12.8
15
12
27
6.3
15.4
18.5
11
21
6.8
15.4
18.5
11
21
PIMB136T-
XXXMS
12.6×
13.45×6.0
15
25.0
29.0
6.0
9.0
18
30.0
35.0
5.0
8.0
22
34.0
39.5
5.0
7.5
27
49.0
56.0
4.0
6.5
※Contact us for details.
Rated current:the current that increases the temperature by 40°
C
Saturating current:The current that reduces inductance by 20% (PCMC)
or 30% (PCMB/PS/PST/PL)
Part numbering system


Similar Part No. - PCMC135T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCMC135T-R56MN ETC2-PCMC135T-R56MN Datasheet
57Kb / 1P
Power Choke Coil PCMC series,PCMB series
PCMC135TR68MN ETC2-PCMC135TR68MN Datasheet
57Kb / 1P
Power Choke Coil PCMC series,PCMB series
More results

Similar Description - PCMC135T

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS0804T KOA-SDS0804T Datasheet
99Kb / 5P
power choke coils
logo
Panasonic Semiconductor
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
Choke Coils
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
Choke coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
Choke Coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
Choke Coils
logo
List of Unclassifed Man...
PCMB042T ETC2-PCMB042T Datasheet
627Kb / 1P
Power choke coils
logo
Panasonic Semiconductor
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
Choke Coils
logo
List of Unclassifed Man...
PCMB063T ETC2-PCMB063T Datasheet
627Kb / 1P
Power choke coils
logo
Panasonic Semiconductor
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
Choke Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com