Electronic Components Datasheet Search
  English  ▼

X  

MBRD835L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBRD835L
Description  8A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRD835L Datasheet(HTML) 2 Page - Diodes Incorporated

  MBRD835L Datasheet HTML 1Page - Diodes Incorporated MBRD835L Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30284 Rev. B-2
2 of 2
MBRD835L
0
5
10
15
20
25
30
40
35
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = +25ºC
A
T = +125ºC
A
T = +100ºC
A
T = +75ºC
A
10
1
0.1
0.01
0.001
100
0
100
200
300
400
600
500
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 2 Typical Forward Characteristics
F
10
1
0.1
0.01
0.001
0.0001
100
T = +25 C
A
°
T = +125 C
A
°
T = +100 C
A
°
0
2.5
5.0
10.0
7.5
12.5
15.0
17.5
60
70
80
90
100
110
120
130
T , CASE TEMPERATURE (°C)
Fig. 1 Current Derating, Infinite Heatsink
C
T = 125°C
j
R
= 6°C/W
θJA
I
I
PK
AV
=π (Resistive Load)
100
1000
10,000
0
15
10
25
30
35
20
40
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance vs. Reverse Voltage
R
5
f = 1MHz
0
1
1.5
0.5
2
2.5
3
3.5
5
4
4.5
0
20
10
40
30
50 60 70 80
100
90
110 120 130
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Current Derating, Free Air
A
T = 125°C
j
R
= 80°C/W
θJA
SURFACE MOUNTED ON
MINIMUM RECOMMENDED
PAD SIZE
dc
0
1
2
3
5
4
6
7
8
0
1.5
4.5
3
6
7.5
9 10.5 12 13.5 15
I
, AVERAGE FORWARD CURRENT (A)
Fig. 6 Forward Power Dissipation
F(AV)
T = 125°C
j
dc



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com