Electronic Components Datasheet Search
  English  ▼

X  

RL2-350 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL2-350
Description  MOLDED RECTANGULAR LED MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL2-350 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL2-350 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H
T
F
0.205 [5.2mm]
0.050 [1.3mm]
0.025 [0.6mm]
0.050 [1.3mm]
0.165 [4.2mm]
0.100 [2.5mm]
0.083 [2.1mm]
0.090 [2.3mm]
TYP.
w/ Ø.045 C'SINK.
Ø.032 [Ø0.8mm]
Ø.025 [Ø0.6mm]
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
TITLE:
.XXX
± .005
CAGE CODE : 32559
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
MOLDED RECTANGULAR LED MOUNT
PART NO:
DATE:
DATE:
03/11/03
03/11/03
DESIGNED:
CHECKED:
Michael Chen
D. Green
REVISION:
1
1
C
SHEET #
OF
RL1-RL2-XXX
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
ANGULAR
STANDARD TOLERANCE
( UNLESS OTHERWISE SPECIFIED )
DECIMALS
.X
± .1
.XX
± .01
X°
± 1°
®
DESCRIPTION
REV.
A
Engineering Update w/o Changes
M. C.
APPROVED
DATE
02/27/04
RL1-140
RL1-150
RL1-160
RL1-110
RL1-120
RL1-130
RL1-210
RL1-200
RL1-190
RL1-180
RL1-170
RL1-100
0.045 (1.1mm)
0.050 (1.3mm)
0.055 (1.4mm)
0.060 (1.5mm)
0.040 (1.0mm)
0.035 (.89mm)
0.040 (1.0mm)
0.075 (1.9mm)
0.080 (2.0mm)
0.085 (2.2mm)
0.070 (1.8mm)
0.065 (1.7mm)
0.030 (.76mm)
.190 (4.8mm)
.210 (5.3mm)
.200 (5.1mm)
.180 (4.6mm)
.170 (4.3mm)
.160 (4.1mm)
.150 (3.8mm)
.140 (3.6mm)
.130 (3.3mm)
.120 (3.0mm)
.110 (2.8mm)
.100 (2.5mm)
RL1-090
RL1-080
RL1-070
RL1-060
PART NUMBER
0.010 (.25mm)
0.015 (.38mm)
0.020 (.51mm)
0.025 (.64mm)
F
H
T
.060 (1.5mm)
.090 (2.3mm)
.080 (2.0mm)
.070 (1.8mm)
RL2-280
RL2-290
RL2-300
RL2-350
RL2-340
RL2-330
RL2-320
RL2-310
RL2-240
RL2-250
RL2-260
RL2-270
RL2-230
RL2-220
RL2-210
RL2-200
PART NUMBER
0.025 (.64mm)
0.200 (5.1mm)
0.090 (2.3mm)
0.330 (8.4mm)
0.340 (8.6mm)
0.350 (8.9mm)
0.095 (2.4mm)
0.100 (2.5mm)
0.280 (7.1mm)
0.290 (7.4mm)
0.300 (7.6mm)
0.320 (8.1mm)
0.310 (7.9mm)
0.270 (6.9mm)
0.150 (3.8mm)
0.240 (6.1mm)
0.250 (6.4mm)
0.260 (6.6mm)
0.230 (5.8mm)
0.220 (5.6mm)
0.210 (5.3mm)
0.065 (1.7mm)
0.070 (1.8mm)
0.075 (1.9mm)
0.080 (2.0mm)
0.085 (2.2mm)
0.060 (1.5mm)
0.045 (1.1mm)
0.050 (1.3mm)
0.055 (1.4mm)
0.040 (1.0mm)
0.035 (.89mm)
0.030 (.76mm)
H
T
F
2. MATERIAL: NYLON 6/6, 94V-0, NATURAL/WHITE. BIVAR MATERIAL CODE 24-WE.
RTP POLYAMIDE NYLON 6/6, 0299X63548, NATURAL OR MODIFIED PLASTICS MN6/6-SE WHT.
B
0.027" Lead Hole Specification Update.
10/25/04
M. C.
Ø.027 [Ø0.7mm]
.027 [0.7mm]
.020 [0.5mm]
Ø0.20 [0.5mm]
w/ Ø.045 C'SINK
RL2 ONLY
C
0.020" Lead Hole Specification Update.
07/18/05
M. C.


Similar Part No. - RL2-350

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RL2 SANKEN-RL2 Datasheet
20Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
RL2 ETC-RL2 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RL2 TAYCHIPST-RL2 Datasheet
875Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Amphenol Corporation
RL20 AMPHENOL-RL20 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Vishay Siliconix
RL20 VISHAY-RL20 Datasheet
146Kb / 5P
Metal Film Resistors, Axial, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-Feb-2022
More results

Similar Description - RL2-350

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
2x4 Rectangular LED (Direct Mount)
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
3.3x6 Rectangular Bicolor LED (Direct Mount)
logo
P-tec Corporation
PL43-CDR21 P-TEC-PL43-CDR21 Datasheet
29Kb / 1P
Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
Rectangular LED
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
Rectangular LED
logo
List of Unclassifed Man...
RL4-600 ETC2-RL4-600 Datasheet
33Kb / 1P
MOLDED RECTANGULAR LED MOUNT
RL3-400 ETC2-RL3-400 Datasheet
16Kb / 1P
MOLDED RECTANGULAR LED MOUNT
RL3-500 ETC2-RL3-500 Datasheet
16Kb / 1P
MOLDED RECTANGULAR LED MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com