Electronic Components Datasheet Search
  English  ▼

X  

MBRM3100 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBRM3100
Description  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERMITE3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM3100 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBRM3100 Datasheet HTML 1Page - Diodes Incorporated MBRM3100 Datasheet HTML 2Page - Diodes Incorporated MBRM3100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
Pins 1 & 2 must be electrically
connected at the printed circuit board.
DS30354 Rev. 3 - 1
1 of 3
MBRM3100
www.diodes.com
MBRM3100
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
POWERMITEâ3
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
Case: POWERMITE
â3, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Polarity: See Diagram
·
Marking: See Sheet 3
·
Weight: 0.072 grams (approx.)
Mechanical Data
B
C
D
E
G
J
H
K
L
M
A
P
12
3
PIN 1
PIN 2
PIN 3, BOTTOMSIDE
HEAT SINK
C
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectified Output Current
(See also Figure 5)
IO
3A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
@ TC = 90°C
IFSM
50
A
Typical Thermal Resistance Junction to Soldering Point
RqJS
3.5
°C/W
Typical Thermal Resistance Junction to Case
RqJC
1.6
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Reverse Breakdown Voltage
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
100
¾¾
V
IR = 0.2mA
Forward Voltage (Note 1)
VF
¾
¾
¾
¾
0.72
0.60
0.79
0.68
0.76
¾
¾
¾
V
IF = 3A, Tj = 25
°C
IF = 3A, Tj = 100
°C
IF = 6A, Tj = 25
°C
IF = 6A, Tj = 100
°C
Reverse Current (Note 1)
IR
¾
¾
2
0.5
100
20
mA
mA
Tj = 25
°C, VR = 100V
Tj = 100
°C, VR = 100V
Total Capacitance
CT
¾
85
¾
pF
f = 1.0MHz, VR = 4.0V DC
POWERMITE
â3
Dim
Min
Max
A
4.03
4.09
B
6.40
6.61
C
.889 NOM
D
1.83 NOM
E
1.10
1.14
G
.178 NOM
H
5.01
5.17
J
4.37
4.43
K
.178 NOM
L
.71
.77
M
.36
.46
P
1.73
1.83
All Dimensions in mm
Notes:
1. Short duration test pulse used to minimize self-heating effect.
UNDER DEVELOPMENT


Similar Part No. - MBRM3100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM360 DIODES-MBRM360 Datasheet
65Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30355 Rev. 2 - 2
MBRM360 DIODES-MBRM360 Datasheet
476Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 4 - 2
MBRM360 DIODES-MBRM360 Datasheet
120Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 5 - 2
MBRM360-13 DIODES-MBRM360-13 Datasheet
65Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30355 Rev. 2 - 2
MBRM360-13-F DIODES-MBRM360-13-F Datasheet
476Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 4 - 2
More results

Similar Description - MBRM3100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM360 DIODES-MBRM360 Datasheet
65Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30355 Rev. 2 - 2
SBM340 DIODES-SBM340 Datasheet
77Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
PDS3200 DIODES-PDS3200_10 Datasheet
106Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30470 Rev. 16 - 2
PDS3100 DIODES-PDS3100_10 Datasheet
102Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30487 Rev. 11 - 2
PDS3100Q DIODES-PDS3100Q_15 Datasheet
218Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev erse
PDS3200 DIODES-PDS3200_15 Datasheet
495Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰5
Rev 19
PDS3100 DIODES-PDS3100_15 Datasheet
443Kb / 6P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev erse
PDS3100 DIODES-PDS3100_17 Datasheet
210Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS3200 DIODES-PDS3200_18 Datasheet
470Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 20
PDS3100Q DIODES-PDS3100Q Datasheet
218Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com