Electronic Components Datasheet Search
  English  ▼

X  

RTD14730 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RTD14730
Description  Contact - Current Class = 10A to 20A Class, Greater Than 16A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTD14730 Datasheet(HTML) 1 Page - Tyco Electronics

  RTD14730 Datasheet HTML 1Page - Tyco Electronics RTD14730 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RTD14730 Product Details
RTD14730
TE Internal Number: 7-1393238-7
Active
Industrial Relays (General Purpose)
Converted to EU RoHS/ELV Compliant (Statement of
Compliance)
Product Highlights:
RT1 Series
Contact - Current Class = 10A to 20A Class,
Greater Than 16A
Contact - Rated Current = 16 A
Terminal Type = PCB-THT, Plug-in
Contact - Arrangement = 1 Form C (CO)
Documentation & Additional Information
Product Drawings:
None Available
Catalog Pages/Data Sheets:
Power PCB Relay RT1 (PDF, English)
Product Specifications:
None Available
Application Specifications:
None Available
Instruction Sheets:
None Available
CAD Files:
None Available
Additional Information:
Product Line Information
Related Products:
Tooling
Product Features
(Please use the Product Drawing for all design activity)
Product Type Features:
Series = RT1
Terminal Type = PCB-THT, Plug-in
Electrical Characteristics:
Contact - Current Class = 10A to 20A Class, Greater Than 16A
Contact - Rated Current (A) = 16
Contact - Limiting Continuous Current (A) = 16
Contact - Limiting Making Current (A) = 30
Contact - Limiting Breaking Current (A) = 16
Insulation - Initial Dielectric Between Coil/Contact Class =
>4000V Class
Insulation - Initial Dielectric Between Open Contacts (V rms) =
1000
Insulation - Initial Dielectric Between Contacts and Coil (V rms)
= 5000
Contact - Rated Voltage (VAC) = 250
Contact - Switching Voltage Max. (VAC) = 400
Contact - Limiting Short-Time Current (A) = 16
Coil - Rated Voltage (VAC) = 230
Coil - Resistance (Ω) = 32500
Coil - Rated Power, AC (VA) = 1.00
Coil - Rated Power Class = 0.5VAW to 1.0VA Class
Insulation - Creepage Class = >8mm Class
Insulation - Clearance Class = >8mm Class
Insulation - Special Features = Tracking Index of Relay Base
PTI250
Dimensions:
Mechanical - Length Class = 25mm to 30mm Class
Length (mm [in]) = 29.00 [1.142]
Mechanical - Width Class = 12mm to 16mm Class
Width (mm [in]) = 12.70 [0.500]
Mechanical - Height Class = 15mm to 16mm Class
Body Features:
Mount Type = PCB, Socket
Weight (g [oz]) = 14.00 [0.494]
Contact Features:
Contact Material = AgNi90/10
Contact - Number of Poles = 1
Configuration Features:
Contact - Arrangement = 1 Form C (CO)
Coil - Magnetic System = Monostable, AC
Coil - Special Features = UL Coil Insulation Class F
Industry Standards:
RoHS/ELV Compliance = RoHS compliant, ELV compliant
Lead Free Solder Processes = Wave solder capable to 260°C,
Wave solder capable to 240°C
RoHS/ELV Compliance History = Converted to comply with
RoHS directive
Approved/Registered Standards = cCSAus, cULus, VDE
Environmental:
Environmental - Category of Protection = RTIII
Environmental - Ambient Temperature, Max. (°C [°F]) = 70
[158]
Environmental - Ambient Temperature Class = 50°C to 70°C
Class
Packaging Features:
Packaging Method = Tube
Other:
Brand = Schrack
Accessories/Socket Type = DIN-rail Socket, PCB Socket
TE Connectivity


Similar Part No. - RTD14730

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RTD14730 TEC-RTD14730 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTD14730R TEC-RTD14730R Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTD14730WG TEC-RTD14730WG Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results

Similar Description - RTD14730

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
logo
RFE international
RM10R-0R02-J RFE-RM10R-0R02-J Datasheet
74Kb / 1P
SURFACE MOUNT RM Series: Less Than 1 ohm & Greater than 10 Meg ohms RESISTORS
logo
List of Unclassifed Man...
ISC01P ETC2-ISC01P Datasheet
1Mb / 6P
Exceptional contrast: 50 times greater than LCD products
logo
Pasternack Enterprises,...
PE3CA1031-60CM PASTERNACK-PE3CA1031-60CM Datasheet
482Kb / 6P
Excellent Return loss Greater than 28 dB
logo
ZETTLER Electronics
AZSR180 ZETTLER-AZSR180 Datasheet
55Kb / 2P
Isolation spacing greater than 10 mm
logo
Shenzhen Sunnyway Batte...
SWT12800 SUNNYWAY-SWT12800 Datasheet
676Kb / 1P
Initial Charging Current less than 20A
logo
Maxim Integrated Produc...
MAX17122EVKIT MAXIM-MAX17122EVKIT Datasheet
628Kb / 7P
Greater than 94% Efficiency (Step-Up Switching Regulator)
Rev 0; 12/09
logo
Bel Fuse Inc.
PFC250 BEL-PFC250 Datasheet
659Kb / 6P
Greater than 1 million hours demonstrated MTBF
PFC375 BEL-PFC375 Datasheet
691Kb / 6P
Greater than 1 million hours demonstrated MTBF
logo
Maxim Integrated Produc...
MAX9788EVKIT MAXIM-MAX9788EVKIT Datasheet
109Kb / 4P
Delivers Greater than 14VP-P into a Ceramic Speaker
Rev 2; 8/07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com