Electronic Components Datasheet Search
  English  ▼

X  

MBRM760-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRM760-13
Description  7A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM760-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRM760-13 Datasheet HTML 1Page - Diodes Incorporated MBRM760-13 Datasheet HTML 2Page - Diodes Incorporated MBRM760-13 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30357 Rev. 2 - 1
3 of 3
MBRM760
www.diodes.com
0
2.0
4.0
6.0
10.0
8.0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4 DC Forward Current Derating
Note 1
Note 2
Note 3
0
0.5
1
1.5
2.5
2
3
3.5
4
0
1
3
2
4
5
6
7
8
9
10
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 6 Forward Power Dissipation
T = 125°C
j
Note 2
Note 3
MBRM760 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year ex: 2 for 2002
WW =Weekcode01to52
(K) = Factory Designator
YYWW(K)
MBRM760
Marking Information
Device
Packaging
Shipping
MBRM760-13
POWERMITE
â3
5000/Tape & Reel
Ordering Information (Note 4)
Notes:
1. TA = TSOLDERING POINT,RqJS = 2.5°C/W, RqSA = 0°C/W.
2. Device mounted on GETEK substrate, 2”x2”, 2 oz. copper, double-sided, cathode pad dimensions 0.75” x 1.0”, anode pad
dimensions 0.25” x 1.0”. RqJA in range of 20-35°C/W.
3. Device mounted on FR-4 substrate, 2”x2”, 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout
document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. RqJA in range of
75-100°C/W.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
UNDER DEVELOPMENT
POWERMITE is a registered trademark of Microsemi Corporation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com