Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5000 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5000
Description  Optical Mouse Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5000 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ADNS-5000 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD=5.0 V, 24MHz
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Supply current (Sensor
only), mouse moving
IDDS
7.2
mA
No load on B1-B3, Z-LED, XYLED ZA, ZB,
D+, D-
Supply current (Sensor
only), mouse not moving
IDDSN
6.2
mA
No load on B1-B3, Z-LED, XYLED ZA, ZB,
D+, D-
Supply current,
USB suspend mode
IDDSS
250
PA
No load on B1-B3, Z-LED, XYLED ZA, ZB,
D+, D-
XYLED current
ILED
30
mA
XYLED Output
Low Voltage
VOL
1.1
V
Refer to Figure 16
Input Low Voltage
VIL
0.5
V
Pins: ZA, ZB, B1, B2, B3, VIL max of
0.5VDC is at VDD min of 4VDC, with a
typical of 0.8VDC at VDD of 5VDC
Input High Voltage
VIH
0.6*VDD
V
Pins: ZA, ZB, B1, B2, B3
Input Hysteresis
VHYST
285
mV
Pins: ZA, B1, B2,
Input Hysteresis
VHYST
200
mV
Pins: ZB
Button Pull Up Current
BIOUT
125
275
500
A
Pins: B1, B2, B3
Typical Performance Characteristics
Performance Characteristics over recommended operating conditions. Typical values at 25 °C, VDD=5.0 V, 24MHz
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Path Error (Deviation)
PError
0.5
%
Average path error as percent of total
2.5” travel on various standard surfaces
Typical Performance Characteristics
Performance Characteristics over recommended op-
erating conditions. Typical values at 25 °C, VDD=5.0 V,
24MHz
Figure 16. Typical Resolution vs. Z [2,3]
Figure 17. Wavelength responsivity.[1] (Comparative Surfaces)
The following graphs are the typical performance of the
ADNS-5000 sensor, assembled as shown in the 2D assem-
bly drawing with the ADNS-5100 Round Lens/Prism, the
ADNS-5200 clip, and the HLMP-ED80-XX000 LED.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
400
500
600
700
800
900
1000
Wavelength in nm
Notes:
1. The ADNS-5000 is designed for optimal performance when used with the HLMP-ED80-XX000 (Red LED 639nm).
2. Z = distance from Lens Reference Plane to Surface.
3. DOF = Depth of Field
0
200
400
600
800
1000
1200
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Z-Height(mm)
White Paper
Manila
Black Copy
Black Formica



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com