Electronic Components Datasheet Search
  English  ▼

X  

MMBD3004 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBD3004
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD3004 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD3004 Datasheet HTML 1Page - Diodes Incorporated MMBD3004 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30353 Rev. 2 - 2
1 of 2
MMBD3004S
MMBD3004S
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
Features
·
Case: SOT-23, Molded Plastic
·
Plastic Material: UL Flammability Rating
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: KAE (See Page 2)
·
Weight: 0.008 grams (approx.)
·
Ordering Information: See below
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
Characteristic
Symbol
MMBD3004S
Unit
Repetitive Peak Reverse Voltage
VRRM
350
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
300
V
RMS Reverse Voltage
VR(RMS)
212
V
Forward Continuous Current (Note 2)
IF
225
mA
Peak Repetitive Forward Current (Note 2)
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
A
Power Dissipation (Note 2)
Pd
350
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
357
°
C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Short duration test pulse used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
350
¾
¾
V
IR = 100mA
Forward Voltage (Note 1)
VF
¾
0.78
0.93
1.03
0.87
1.0
1.25
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 1)
IR
¾
30
35
100
100
nA
m
A
VR = 240V
VR = 240V, Tj = 150°C
Total Capacitance
CT
¾
1.0
5.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
¾
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified, per element
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
High Conductance
·
High Reverse Breakdown Voltage Rating
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MMBD3004S-7
SOT-23
3000/Tape & Reel
Ordering Information (Note 3)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0°
8°
All Dimensions in mm


Similar Part No. - MMBD3004

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBD3004 WEITRON-MMBD3004 Datasheet
346Kb / 3P
Surface Mount Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
350mW SMD Switching Diode
MMBD3004 TSC-MMBD3004 Datasheet
255Kb / 4P
350mW, SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
MMBD3004 SEMTECH_ELEC-MMBD3004 Datasheet
285Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
More results

Similar Description - MMBD3004

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com