Electronic Components Datasheet Search
  English  ▼

X  

MMBF170 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBF170
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBF170 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBF170 Datasheet HTML 1Page - Diodes Incorporated MMBF170 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30104 Rev. C-2
1 of 2
MMBF170
MMBF170
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT
TRANSISTOR
Features
·
Low On-Resistance
·
Low Gate Threshold Voltage
·
Low Input Capacitance
·
Fast Switching Speed
·
Low Input/Output Leakage
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
MMBF170
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS
£ 1.0MW
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 1)
Continuous
Pulsed
ID
500
800
mA
Total Power Dissipation (Note 1)
Derating above TA = 25
°C
Pd
225
1.80
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Case: SOT-23, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: K6Z
·
Weight: 0.008 grams (approx.)
Mechanical Data
A
E
J
L
M
B C
H
G
D
K
TOP VIEW
D
S
G
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Drain-Source Breakdown Voltage
BVDSS
60
70
¾
V
VGS = 0V, ID = 100
mA
Zero Gate Voltage Drain Current
IDSS
¾¾
1.0
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
¾¾
±10
nA
VGS =
±15V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
0.8
2.1
3.0
V
VDS =VGS, ID =-250
mA
Static Drain-Source On-Resistance
RDS (ON)
¾¾
5.0
W
VGS = 10V, ID = 200mA
Forward Transconductance
gFS
80
¾¾
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾
22
40
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾
11
30
pF
Reverse Transfer Capacitance
Crss
¾
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾¾
10
ns
VDD = 25V, ID = 0.5A,
VGS = 10V, RGEN = 50
W
Turn-Off Delay Time
tD(OFF)
¾¾
10
ns
Note:1. Valid provided that terminals are kept at specified ambient temperature.
2. Pulse width
£ 300ms, duty cycle £ 2%.


Similar Part No. - MMBF170

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBF170 FAIRCHILD-MMBF170 Datasheet
75Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
MMBF170 FAIRCHILD-MMBF170 Datasheet
517Kb / 13P
N-Channel Enhancement Mode Field Effect Transistor
logo
Unisonic Technologies
MMBF170 UTC-MMBF170 Datasheet
140Kb / 2P
0.5A, 60V N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
SHIKUES Electronics
MMBF170 SKTECHNOLGY-MMBF170 Datasheet
873Kb / 6P
N-Channel Enhancement Mode MOSFET
logo
ON Semiconductor
MMBF170 ONSEMI-MMBF170 Datasheet
1Mb / 16P
N-Channel Enhancement Mode Field Effect Transistor
March 2010 Rev. E2
More results

Similar Description - MMBF170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com