Electronic Components Datasheet Search
  English  ▼

X  

MMBT3904T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT3904T
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904T Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT3904T Datasheet HTML 1Page - Diodes Incorporated MMBT3904T Datasheet HTML 2Page - Diodes Incorporated MMBT3904T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30270 Rev. 2 - 2
2 of 3
MMBT3904T
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
60
¾
V
IC = 10mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
¾
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
6.0
¾
V
IE = 10mA, IC = 0
Collector Cutoff Current
ICEX
¾
50
nA
VCE = 30V, VEB(OFF) = 3.0V
Base Cutoff Current
IBL
¾
50
nA
VCE = 30V, VEB(OFF) = 3.0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
40
70
100
60
30
¾
¾
300
¾
¾
¾
IC = 100µA, VCE = 1.0V
IC = 1.0mA, VCE = 1.0V
IC = 10mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.20
0.30
V
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
Base- Emitter Saturation Voltage
VBE(SAT)
0.65
¾
0.85
0.95
V
IC = 10mA, IB = 1.0mA
IC = 50mA, IB = 5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
4.0
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
¾
8.0
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.0
10
kW
VCE = 10V, IC = 1.0mA,
f = 1.0kHz
Voltage Feedback Ratio
hre
0.5
8.0
x 10-4
Small Signal Current Gain
hfe
100
400
¾
Output Admittance
hoe
1.0
40
m
S
Current Gain-Bandwidth Product
fT
300
¾
MHz
VCE = 20V, IC = 10mA,
f = 100MHz
Noise Figure
NF
¾
5.0
dB
VCE = 5.0Vdc, IC = 100mAdc,
RS = 1.0KW, f = 1.0MHz
SWITCHING CHARACTERISTICS
Delay Time
td
¾
35
ns
VCC = 3.0V, IC = 10mA,
VBE(off) = - 0.5V, IB1 = 1.0mA
Rise Time
tr
¾
35
ns
Storage Time
ts
¾
200
ns
VCC = 3.0V, IC = 10mA
Fall Time
tf
¾
50
ns
IB1 = IB2 = 1.0mA
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
Code
J
K
L
M
N
P
R
Date Code Key
1N = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
1NYM
Marking Information
Notes:
2.
Short duration test pulse used to minimize self-heating effect.
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MMBT3904T-7
SOT-523
3000/Tape & Reel
Ordering Information (Note 3)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com