Electronic Components Datasheet Search
  English  ▼

X  

AS150 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS150
Description  HOL-SEALERS Hole Seals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS150 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS150 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS150 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS150 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS150 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2010 Pentair Technical Products
Accessories: Hole Seals
Hole Seals
Spec-00182 C
HOL-SEALERS
® Non-Metallic Hole Seals
Industry Standards
UL 508A Component Recognized; Type 3R, 4, 4X, 12, 13; File No.
E61997
CSA File No. 42186: Type 3R, 4, 4X, 12, 13
NEMA/EEMAC Type 3R, 4, 4X, 12, 13
IEC 60529, IP66
Application
Designed for use in corrosive environments to seal extra pushbutton
holes, conduit openings and knockout openings against dust, dirt,
oil and water. These hole seals are suitable for sealing enclosure
openings in industries such as petroleum and chemical processing,
wastewater processing, pulp and paper, outdoor monitoring and any
other industry exposed to harsh environments.
Innovative 3-in-1 self-centering design
• Thread self-centers on one hole size
• Nut orientation “A” self-centers on a second hole size (see Nut
Orientation drawing)
• Nut orientation “B” self-centers on a third hole size
Features
• Innovative 3-in-1 self-centering design reduces inventory
requirements; 4 models cover 12 common industry cutouts
ranging from 1/2 in. to 4 in.
• Non-metallic construction provides superior corrosion resistance
for reliability in harsh environments
• UV stabilized; ideal for direct sunlight (avoids fiberbloom
associated with fiberglass)
• Chemically resistant to a broad range of chemicals
• Durable and impact resistant; resists cracking
• Sold in quantities of 2 per catalog number
• Cost-effective alternative to stainless steel
• Polyester material has a UL 94 rating of 5VA
• Easy to install; no tools required
Specifications
• Thread and nut are constructed of non-glass-filled polyester
• Oil-resistant gasket
Finish
RAL 7035 light-gray textured finish
Bulletin: A80HS
Standard Product  Non-Metallic Hole Seals
Catalog Number
AxBxC in./mm
Qty.
D
in./mm
E
in./mm
F
in./mm
Max. Hole
Diameter
in./mm
Outside
Diameter
in./mm
Torque (in. lbs.)
ASPB05075NM
1.56 x 0.85 x 0.12
40 x 22 x 3
2
1.28
32
1.48
38
.47
12
1.28
33
1.56
40
15
ASPB100125NM
2.19 x 1.19 x 0.12
56 x 30 x 3
2
1.18
30
2.14
54
.51
13
1.91
49
2.19
56
20
AS150200250NM
3.50 x 1.95 x 0.12
89 x 49 x 3
2
.95
24
3.42
87
.51
13
3.14
80
3.50
89
35
AS300350400NM
5.12 x 3.55 x 0.12
130 x 90 x 3
2
.81
21
5.05
128
.51
13
4.77
121
5.12
130
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com