Electronic Components Datasheet Search
  English  ▼

X  

AT213 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AT213
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT213 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AT213 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT213 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y7
Y
AT110
Socket Wrench
Brass
Series: HB
AT112
Socket Wrench
Brass with nickel plating
Series: LB
AT201
ON-OFF Plate for
12mm Threaded Bushing
Brass with nickel plating
Series: M P S
AT202
ON-OFF Plate for
12mm Threaded Bushing
Aluminum
Colors: Red & black enamel
Series: M P S
AT204
Bezel
Polycarbonate
Colors: A B C D E F G H
Series: MLW
AT206
Bezel
Polycarbonate
Colors: A B C D E F G H
Series: LW
AT208
Bezel for AT070 LED
Polycarbonate
Color: A
Series: EB M MB24 MB25
(19.4)
.764
(41.0)
1.614
(28.8)
1.134
(24.0)
.945
(2.6)
.102
(27.0)
1.063
(50.0)
1.969
(12.2) Dia
.480
(0.8)
.031
(2.2)
.087
(16.4)
.646
(16.0)
.630
(25.5)
1.004
(20.0)
.787
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
AT111
Lamping Tool
Stainless steel
Series: HB KB YB
(50.0)
1.97
(10.0)
.394
(11.8)
.465
(21.5)
.846
(12.0)
.472
(15.6)
.614
(2.2)
.087
(30.2)
1.19
(19.0)
.748
(12.0)
.472
(11.8)
.465
(13.5)
.531
(15.6)
.614
(5.4) Dia
.213
(2.2)
.087
(25.0) Dia
.984
(50.0)
1.97
(10.0)
.394
(50.0)
1.97
(28.0) Dia
1.102
(8.0)
.315
(0.5)
.020
(12.1) Dia
.476
(17.2) Dia
.677
AT200s
AT207
Bezel
Polycarbonate
Colors: A B C E F G H
Series: EB MB24 MB25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com