| Electronic Components Datasheet Search |
|
AT401P Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT401P Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 34 page ![]() Accessories & Hardware www.nkk.com Y15 Y AT513M Hex Nut Brass with nickel plating Series: B D2 DB EB FR01 M MB20 MB25 MR P AT515 (M-metric H-inch) Locking Ring for D Flat Bushing Steel with zinc/chromate Series: FR01 M MB24 AT516 O-ring Nitrile butadiene rubber Series: M MB20 AT518 Locking Ring Steel with zinc/chromate Series: HS PS TS AT520 Split Lockwasher Steel with zinc/chromate Series: HS PS TS AT526 Hex Mounting Nut Steel with nickel plating Series: HS PS TS AT527 (M-metric H-inch) Hex Mounting Nut Steel with nickel plating Series: M P S SB SCB SK TL AT527MA Black Hex Face Nut Steel with black chrome plating Series: TL AT529 Mounter for Square Cap Stainless steel frame GFR PBT spacer Series: EB AT530 Panel Mount for Single Pole Polyamide & polyacetel Colors: A B C E F G H Series: A AB AT531 Panel Mount for Single or Double Pole Polyamide & polyacetel Colors: A B C E F G H Series: A AB AT532 (M-metric H-inch) Dress Cap Nut Brass with nickel plating Series: EB M MB20 MB24 P (9.0) .354 (8.0) .315 M6 P0.75 (1.5) .059 (6.2) Dia .244 (2.0) .079 (0.8) .031 (12.0) Dia .472 (5.5) .217 (0.9) .035 (6.07) Dia .239 (1.78) .070 (9.63) Dia .379 Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue H Gray J Clear (1.0) .039 (2.8) .110 (1.8) .071 (10.2) Dia .402 (18.2) Dia .717 (13.4) Dia .528 (10.4) Dia .409 (1.0) .039 M10 P0.75 (16.0) .630 (14.0) .551 (2.0) .079 (14.0) .551 (16.0) .630 (2.0) .079 M12 P1 or 15/32 32NS (14.0) .551 (16.0) .630 (2.0) .079 M12 P1 (11.5) .453 (18.0) .709 (12.2) .480 (0.5) .020 (2.8) .110 (8.2) Dia .323 (10.0) Dia .394 (12.3) .484 (12.6) .496 (8.8) .346 (1.5) .059 (1.5) .059 (12.3) .484 (12.6) Sq .496 (8.9) .350 (9.5) Dia .374 (3.0) .118 M6 P0.75 or 1/4-40 Thd |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |