Electronic Components Datasheet Search
  English  ▼

X  

LBT41306 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT41306
Description  413MHz SAW Filter 5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT41306 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT41306 Datasheet HTML 1Page - SIPAT Co,Ltd LBT41306 Datasheet HTML 2Page - SIPAT Co,Ltd LBT41306 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT41306
Rev. Date
2013-05-29
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
413MHz SAW Filter
5MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LBT413
LBT413
LBT413
LBT41306
06
06
06
Features
�
For RF SAW filter
�
Single-ended operation
�
Ceramic Surface Mount Package
�
Small size
�
No matching required for operation at 50Ω
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
-
412.5
-
Insertion Loss(410~415MHz)
dB
-
3.5
4.5
Passband Variation(410~415MHz)
dB
-
0.9
1
VSWR(410~415MHz)
dB
-
1.9
2
Attenuation
100~400MHz
dB
30
35
-
405~407.5MHz
dB
15
20
-
417.5~420MHz
dB
15
25
-
425~1000MHz
dB
30
35
-
Material Temperature coefficient
kHz/°C
-14.85
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
25
Storage Temperature Range
°C
-55
-
+100
ESD Class
-
1A
Package Size
SMD5.0*5.0
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT41306

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT41301 SIPAT-LBT41301 Datasheet
205Kb / 3P
412.5MHz SAW Filter 6MHz Bandwidth
LBT41301 SIPAT-LBT41301 Datasheet
194Kb / 3P
412.5MHz SAW Filter 6MHz Bandwidth
LBT41302 SIPAT-LBT41302 Datasheet
195Kb / 3P
414.5MHz SAW Filter 2MHz Bandwidth
LBT41302 SIPAT-LBT41302 Datasheet
195Kb / 3P
414.5MHz SAW Filter 2MHz Bandwidth
LBT41305 SIPAT-LBT41305 Datasheet
165Kb / 3P
412.5MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBT41306

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14094 SIPAT-LBS14094 Datasheet
143Kb / 3P
140MHz SAW Filter 5MHz Bandwidth
LBS14701 SIPAT-LBS14701 Datasheet
139Kb / 3P
147.5MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030 Datasheet
144Kb / 3P
70MHz SAW Filter 5MHz Bandwidth
LBT09606 SIPAT-LBT09606 Datasheet
299Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBS140A62 SIPAT-LBS140A62 Datasheet
149Kb / 3P
140MHz SAW Filter 5MHz Bandwidth
LBS20701 SIPAT-LBS20701 Datasheet
150Kb / 3P
206.8MHz SAW Filter 5MHz Bandwidth
LBT7030 SIPAT-LBT7030_10 Datasheet
149Kb / 3P
70MHz SAW Filter 5MHz Bandwidth
LBT38301 SIPAT-LBT38301 Datasheet
178Kb / 3P
382.5MHz SAW Filter 5MHz Bandwidth
LBT45505 SIPAT-LBT45505 Datasheet
164Kb / 3P
455MHz SAW Filter 5MHz Bandwidth
LBT13814 SIPAT-LBT13814 Datasheet
149Kb / 3P
137.5MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com