Electronic Components Datasheet Search
  English  ▼

X  

AXE526124 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXE526124
Description  Narrow pitch connectors (0.4mm pitch)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE526124 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXE526124 Datasheet HTML 1Page - Panasonic Semiconductor AXE526124 Datasheet HTML 2Page - Panasonic Semiconductor AXE526124 Datasheet HTML 3Page - Panasonic Semiconductor AXE526124 Datasheet HTML 4Page - Panasonic Semiconductor AXE526124 Datasheet HTML 5Page - Panasonic Semiconductor AXE526124 Datasheet HTML 6Page - Panasonic Semiconductor AXE526124 Datasheet HTML 7Page - Panasonic Semiconductor AXE526124 Datasheet HTML 8Page - Panasonic Semiconductor AXE526124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXE5, 6
ACCTB7E 201303-T
Socket and Header are mated
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common for respective contact types, sockets and headers)
Dimension table (Unit: mm)
Connector orientation with respect to embossed tape feeding direction
Type/Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Common for sockets
and headers
0.8 mm/1.0 mm
Max. 24
Tape I
16.00
—
7.50
17.40
5,000
26 to 70
Tape I
24.00
—
11.50
25.40
5,000
80
Tape II
32.00
28.40
14.20
33.40
5,000
Header (Mated height: 1.0 mm)
0.85
0.15
±0.03
C
±0.1
A
B
±0.1
0.15
±0.03
0.40
±0.05
Soldering terminals
0.08
(Post and
soldering terminals)
Terminal coplanarity
General tolerance:
±0.2
Dimension table (mm)
Number of pins/
dimension
A
B
C
10
3.80
1.60
3.20
12
4.20
2.00
3.60
14
4.60
2.40
4.00
20
5.80
3.60
5.20
24
6.60
4.40
6.00
26
7.00
4.80
6.40
30
7.80
5.60
7.20
32
8.20
6.00
7.60
40
9.80
7.60
9.20
44
10.60
8.40
10.00
50
11.80
9.60
11.20
54
12.60
10.40
12.00
60
13.80
11.60
13.20
70
15.80
13.60
15.20
80
17.80
15.60
17.20
Socket
Header
Header
Socket
Specifications for taping
(In accordance with JIS C 0806-3:1999. However, not applied to
the mounting-hole pitch of some connectors.)
Specifications for the plastic reel
(In accordance with EIAJ ET-7200B.)
Tape I
Tape II
(A
±0.3)
(B)
(C)
(1.75)
(A
)
+0.3
−0.1
(C)
(1.75)
Embossed mounting-hole
Taping reel
Top cover tape
Embossed carrier tape
(D
±1)
Label
Type
Direction
of tape progress
Common for A4S
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com