Electronic Components Datasheet Search
  English  ▼

X  

LBT43401 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT43401
Description  433.5MHz SAW Filter 11MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT43401 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT43401 Datasheet HTML 1Page - SIPAT Co,Ltd LBT43401 Datasheet HTML 2Page - SIPAT Co,Ltd LBT43401 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT43401
Rev. Date
2012-08-07
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
433.5MHz SAW Filter
11MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.
www.
www.
www.
www.
www.
www.
www. sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBT43401
T43401
T43401
T43401
Features
�
For RF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
433.5
Insertion Loss(428~439MHz)
dB
-
1.8
3
1dB Bandwidth
MHz
11
14.4
-
Passband Variation(428~439MHz)
dB
-
0.7
1
Attenuation
473~484MHz
dB
40
54
-
383~394MHz
dB
40
56
-
44~46MHz
dB
40
60
-
20MHz
dB
40
60
-
10MHz
dB
40
60
-
Material Temperature coefficient
KHz/°C
-13.87
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
25
+85
Storage Temperature Range
°C
-55
----
+100
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD5.0*5.0B
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT43401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT40401 SIPAT-LBT40401 Datasheet
192Kb / 3P
402.5MHz SAW Filter 2MHz Bandwidth
LBT40401 SIPAT-LBT40401 Datasheet
192Kb / 3P
402.5MHz SAW Filter 2MHz Bandwidth
LBT41301 SIPAT-LBT41301 Datasheet
205Kb / 3P
412.5MHz SAW Filter 6MHz Bandwidth
LBT41301 SIPAT-LBT41301 Datasheet
194Kb / 3P
412.5MHz SAW Filter 6MHz Bandwidth
LBT41302 SIPAT-LBT41302 Datasheet
195Kb / 3P
414.5MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBT43401

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11403 SIPAT-LBN11403 Datasheet
136Kb / 3P
114MHz SAW Filter 11MHz Bandwidth
LBT16049 SIPAT-LBT16049 Datasheet
144Kb / 3P
160MHz SAW Filter 11MHz Bandwidth
UE280 SIPAT-UE280 Datasheet
267Kb / 3P
280MHz SAW Filter 11MHz Bandwidth
LBN14096 SIPAT-LBN14096_10 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LB070DS29 SIPAT-LB070DS29 Datasheet
153Kb / 3P
70MHz SAW Filter 11MHz Bandwidth
LBN140A68 SIPAT-LBN140A68 Datasheet
178Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LBN11403 SIPAT-LBN11403 Datasheet
142Kb / 3P
114MHz SAW Filter 11MHz Bandwidth
LBN11802 SIPAT-LBN11802 Datasheet
192Kb / 3P
117.6MHz SAW Filter 11MHz Bandwidth
LBN14096 SIPAT-LBN14096 Datasheet
195Kb / 3P
140MHz SAW Filter 11MHz Bandwidth
LBT15901 SIPAT-LBT15901 Datasheet
145Kb / 3P
159.5MHz SAW Filter 11MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com