Electronic Components Datasheet Search
  English  ▼

X  

AT427 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT427
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT427 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT427 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT427 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y22
Y
AT3074
Sculptured Cap
for Illuminated
Polycarbonate
Colors: JB JC JD JF
Series: UB2
AT3075
Beveled Cap
for Illuminated
Polycarbonate
Colors: B C D F
Series: UB2
AT3076
Flat Cap for Illuminated
with Lens/Diffuser
Polycarbonate
Colors: JB JC JD JF
Series: UB2
AT3077
Beveled Cap
for Nonilluminated
Polycarbonate
Colors: A B C D F
Series: UB2
AT3078
12mm Sculptured Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
AT3079
15mm Sculptured Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
AT3080
17.4mm Sculptured Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
AT3081
Transparent Lens
Polycarbonate
Color: J
Series: HB2
AT3082
Translucent Diffuser
Polycarbonate
Color: B
Series: HB2
AT3083
12mm Flat Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
AT3084
15mm Flat Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
AT3085
17.4mm Flat Cap
with Lens/Diffuser
Polycarbonate
Colors: JB
Series: KP
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(5.6)
.220
(15.0) Sq
.591
(6.5)
.256
(12.0) Sq
.472
(7.0)
.276
(15.0) Sq
.591
(7.0)
.276
(17.4) Sq
.685
(1.0)
.039
(5.8) Sq
.228
(3.5)
.138
(7.5) Sq
.295
(7.0)
.276
(15.0) Sq
.591
(6.5)
.256
(12.0) Sq
.472
(15.0) Sq
.591
(6.1)
.240
(5.6)
.220
(15.0) Sq
.591
(5.6)
.220
(15.0) Sq
.591
(7.0)
.276
(17.4) Sq
.685



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com