Electronic Components Datasheet Search
  English  ▼

X  

AT429 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT429
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT429 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT429 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT429 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y8
Y
AT209
ON-OFF Plate for 6mm
Threaded Bushing
Brass with nickel plating
Series: M P
AT210
ON-OFF Plate for 6mm
Threaded Bushing
Aluminum
Colors: Red & black ink
Series: M P
AT211
ON-OFF Plate for 6mm
Threaded Bushing
Aluminum
Colors: Red & black enamel
Series: M P
AT212
Bezel for 2 AT617 LEDs
Polycarbonate
Color: A
Series: EB M MB24 MB25
AT213
Bezel for 2 AT618 LEDs
Polycarbonate
Color: A
Series: EB M MB24 MB25
AT215
ON-OFF Plate for 12mm
Threaded Bushing
Aluminum
Colors: Red & black enamel
Series: M P S
AT217
Barrier
Polyamide
Colors: A B H
Series: JWM
AT219
Barrier
Polyamide
Colors: A
Series: JWS
(7.2)
.283
(30.0)
1.181
(22.2)
.874
(25.0)
.984
(8.15)
.321
(29.0)
1.142
(27.2)
1.071
(35.0)
1.378
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(24.0)
.945
(20.5)
.807
(19.5)
.768
(7.0)
.276
(10.0) Dia
.394
(18.0) Dia
.710
(6.1) Dia
.240
(5.0)
.197
(0.5)
.020
(11.0)
.433
(21.0)
.827
(6.1) Dia
.240
(0.5)
.020
(21.5) Sq
.846
(11.8)
.465
(10.0)
.394
(12.0)
.472
(2.2)
.087
(7.8)
.307
(3.0) Dia Typ
.118
(8.0)
.315
(11.8)
.465
(10.0)
.394
(12.0)
.472
(2.2)
.087
(7.8)
.307
(21.5) Sq
.846
(5.0) Typ
.197
(8.0)
.315
(2.0) Typ
.079
(28.0) Dia
1.102
(8.0)
.315
(0.5)
.020
(12.1) Dia
.476
(17.2) Dia
.677
(35.0)
1.378
(21.0)
.827
(12.1) Dia
.476
(0.6)
.024
AT214
ON-OFF Plate for 12mm
Threaded Bushing
Aluminum
Colors: Red & black ink
Series: M P S
AT218
Barrier
Polyamide
Colors: A B H
Series: JWL
(18.0) Dia
.710
(10.0) Dia
.394
(6.1) Dia
.240
(0.5)
.020
(5.0)
.197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com