Electronic Components Datasheet Search
  English  ▼

X  

AT428 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AT428
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT428 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AT428 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT428 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y33
Y
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
AT4179
Round Cap for Bright LED
Polycarbonate
Colors: JB JC JD JF
Series: LB Panel Seal
AT4181
Splashproof Boot Assembly
Boot Material: Black silicon rubber
Hex Nut Material & Finish:
Nickel plated brass
O-ring Material:
Nitrile butadiene rubber
Series: M P S WT
(9.0)
.354
(19.0) Dia
.748
(2.1)
.083
(0.8)
.031
(9.6)
.378
AT4180
Snap-on Knob
Polyamide
Knob: Black
Flange: Transparent brown
Series: FR01
Boot & Nut Assembly Instructions
1. Stretch base of the boot to fit around outer edges of the nut.
2. The ridge inside of boot must be firmly seated in groove of the nut.
3. Moving all around perimeter, push (with about 10N of force) toward
center to assure boot seals tightly into groove (with no air pockets).
1
1
2
33
33
3
3
Series or Part Numbers
Panel Thickness (Maximum)
• M Series B2 Toggles with 12mm B1 & B3 Bushings
• P Series B Toggles with 12mm Bushing
• S31 ~ 39, S41 ~ 49, S31F ~ 33F, S41F ~ S43F, S31T ~ 33T, S41T ~ 43T
• S301 ~ 309, S331 ~ 339, S301F, S331F ~ 333F, S335F, S301T ~ 309T, S331T ~ 339T
• S421 ~ 429, S421T ~ 429
5.0mm (.197”)
• WT11S ~ 29S, WT11T ~ 29T, WT11L ~ 29L
3.5mm (.138”)
• S1A ~ 7A, S21A, S1F ~ 7F, S21F
• S114, S116
• S1AW ~ 9AW, S21AW, S25AW ~ 29AW
3.0mm (.118”)
Boot
Nut
O-ring
Panel
(3.5) ~ (5.5)
.138 ~ .217
Boot
Nut
O-ring
Panel
(3.5) ~ (5.5)
.138 ~ .217
Boot
Nut
O-ring
Panel
(3.5) ~ (5.5)
.138 ~ .217
For 12mm Bushings in M, P, S & WT Toggles
Non-Splashproof Switches
M, P or S Toggles with 12mm Bushings
Splashproof Switches
S1AW ~ S29AW S Toggles
WT Toggles or M Toggle with B3 Bushing
Use boot, nut and o-ring as shown. Use lockwasher and hexagon nut
(from standard switch hardware) behind panel.
Use boot, nut and o-ring as shown. Use o-ring only (from standard switch
hardware) behind panel.
(18.6)
.732
(14.8)
.583
(24.3)
.957
(21.5) Dia
.846
(8.0) Dia
.315
M12 P1
(1.0)
.039
(12.1) Dia
.476
(17.5) Dia
.689
Switch Installation Instructions
1. Install switch bushing into mounting hole of panel from the back and
adjust bushing to protrude 3.5 ~ 5.5mm (.138 ~ .217”).
2. Install o-ring on bushing and tighten nut from above.
3. Insert boot onto nut. Be sure the boot and nut are a firm, secure fit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com