Electronic Components Datasheet Search
  English  ▼

X  

AT443 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT443
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT443 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT443 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT443 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y4
Y
* AT016
16mm Hex Mounting Nut
Steel
Series: CKM
* AT019
19mm Hex Mounting Nut
Brass with nickel plating
Series: CKL
* AT050
Knurled Nut
Brass with nickel plating
Series: SB40
* AT055
Crossover Guard
Polypropylene
Series: KB
AT056
Dress Cap Nut
Brass with chrome plating
Series: M P S
AT056T
Threaded Through Dress Nut
Brass with chrome plating
Series: M P S
* AT057
Mounting Nut
Brass with zinc plating,
chromate finish
Series: KB
* AT062
.250” Wide Rocker
Polyamide
Colors: A B C
Series: A
* AT063
Gasket
Nitrile butadiene rubber
Color: A
Series: B Threaded Bushing
AT064-1
Panel Frame for Rocker &
Paddle .365” Wide
Polyamide
Color: A
Series: M
AT064-1 accommodates
panel thickness
1.2 ~ 2.3mm
(.047 ~ .090”)
AT064-2
Panel Frame for Rocker &
Paddle .365” Wide
Polyamide
Color: A
Series: M
AT064-2 accommodates
panel thickness
1.57 ~ 3.18mm
(.062 ~ .125”)
AT010s~
AT090s
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(19.0)
.748
(2.5)
.098
M16 P1
(22.0)
.866
(3.4)
.134
M19 P1
(15.06) Dia
.593
15/32-32 NS
(1.68)
.066
(17.0)
.669
(12.4) Dia
.488
(14.0) Dia
.551
(14.0)
.551
M12 P1
(4.27)
.168
(16.0) Dia
.630
(14.0)
.551
M12 P1
(4.27)
.168
(16.0) Dia
.630
M12 P1
(5.0)
.196
(14.0) Dia
.551
(11.4)
.448
(7.0)
.276
(6.35)
.250
(14.73)
.580
(6.9)
.272
(4.9)
.193
(6.2)
.244
(8.6)
.339
(1.3)
.051
(6.68)
.263
(15.62)
.615
(17.9)
.705
(25.04)
.986
(9.9)
.390
(2.3)
.090
* Available in
Americas only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com