Electronic Components Datasheet Search
  English  ▼

X  

AT480 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT480
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT480 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT480 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT480 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y10
Y
AT406
Bat Lever Cap
Polyvinyl chloride
Colors: A B C E F G
Series: M P S
AT407
.394” Diameter
Screw-on Cap
PBT
Colors: A B C E F G H
Series: MB20
AT412
.748” Diameter
Screw-on Cap
Polystyrene
Colors: A B C F
Series: MB20 SCB WB
AT413
.315” Diameter
Screw-on Cap
PBT
Colors: A B C E F G H
Series: MB20
AT414
.520” Diameter
Screw-on Cap
PBT
Colors: A B C D E F G H
Series: MB20 SB SCB WB
AT415
Bat Lever Cap
Polyethylene
Colors: A B C E F G
Series: D2 M
AT416
Lamp Cover for AT602
Silicon rubber
Colors: C D F
Series: LW
AT420
Rocker
Polycarbonate
Colors: B J
Series: LW
AT421
Filter for AT420
Polycarbonate
Colors: B C D E F G
Series: LW
AT422
Slip-on Cap
Polyethylene
Colors: A B C E F G
Series: SB40
AT426
Solid Color Paddle
Polycarbonate
Colors: A B C D E F G
Series: MLW
AT427
Cap for Locking Lever (code L)
Brass with bright nickel plating
(supplied with switch)
Anodized aluminum
Colors: A C G
Series: D2 M
(27.6)
1.087
(22.4)
.882
(19.0)
.748
(14.6)
.575
(9.5)
.375
(15.8)
.622
(9.9)
.390
(16.3)
.642
(10.0) Dia
.394
(6.0)
.236
(15.6)
.614
(15.6)
.614
(25.0)
.985
(4.0)
.157
(8.0)
.315
(5.1) Dia
.201
(7.0)
.276
(5.1) Dia
.201
(5.6) Dia
.220
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(12.8) Dia
.504
(11.0)
.433
(14.9)
.587
(13.2) Dia
.520
M3.5 P0.6
(5.0) Dia
.197
(12.0)
.472
(18.0)
.709
(8.0) Dia
.315
(8.0)
.315
M2.3 P0.4
(10.0) Dia
.394
(8.0)
.315 (11.7)
.461
(19.0) Dia
.748
M3.5 P0.6
(8.0) Dia
.315
M2.3 P0.4
(6.5)
.256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com