Electronic Components Datasheet Search
  English  ▼

X  

AT486 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AT486
Description  Accessories Hardware
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT486 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AT486 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT486 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Accessories & Hardware
www.nkk.com
Y16
Y
AT545
Locking Ring
Steel with zinc/chromate
Series: MRA MRB MRK
AT546
Mounting Bracket
for Block Mounting
Phosphor bronze with tin
plating
Series: GB2
AT547
Mounter for AT4140
Polyamide
Color: A
Series: JB
AT548
Panel Mount Housing for LCD 36 x 24
Pushbutton (not for Compact SmartSwitch)
Polyamide
Color: A
Series: SmartSwitch
AT532T (M-metric H-inch)
Threaded Through Dress Nut
Brass with nickel plating
Series: EB M MB20 MB24 P
AT533T (M-metric H-inch)
Threaded Through Dress Nut
Brass with nickel plating
Series: EB M MB20 MB24 P
AT535
Rubber Ring for
MR Panel Seal
Nitrile butadiene rubber
Series: MRB MRK
AT536
Hex Nut
Brass with nickel plating
Series: FB
AT537
O-ring
Nitrile butadiene rubber
Series: S
AT541
O-ring for Panel Seal
with AT4115
Nitrile butadiene rubber
Series: YB
AT542
Coupler for
LCD 36 x 24 Pushbutton
PBT
Series: SmartSwitch
AT543
Support Bracket
Steel with tin plating
Series: MRK
(7.62)
.300
(6.5)
.256
(7.5)
.295
(0.25)
.010
(3.1)
.122
(0.5) Typ
.020
(1.4)
.055
(9.4)
.370
(17.8) Sq
.701
(12.5) Sq
.492
(3.0)
.118
(8.9)
.350
(9.5) Dia
.374
M6 P0.75 or
1/4-40 Thd
(12.0) Dia
.472
(2.3)
.090
(11.1)
.437
M6 P0.75 or
1/4-40 Thd
(6.2) Dia
.244
(9.4) Dia
.370
(1.3)
.051
(8.0)
.315
(7.0)
.276
(1.2)
.047
M5 P0.5
(12.5) Dia
.492
(15.5) Dia
.610
(1.5)
.059
(20.0) Dia
.787
(16.0) Dia
.630
(0.5)
.020
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(0.5)
.020
(0.8)
.031
(18.0)
.709
(18.0)
.709
(14.9)
.587
(3.8)
.150
(14.0)
.551
(31.5)
1.240
(19.7)
.776
(23.2)
.913
(27.5)
1.083
(27.6)
1.087
(16.0)
.630
(4.2)
.165
(1.0)
.039
(12.0)
.472
(0.9)
.035
(2.0)
.079
(0.8)
.031
(5.5)
.217
(6.0)
.236
(11.6)
.457



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com