Electronic Components Datasheet Search
  English  ▼

X  

LBT83005 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT83005
Description  830MHz SAW Filter 20MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT83005 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT83005 Datasheet HTML 1Page - SIPAT Co,Ltd LBT83005 Datasheet HTML 2Page - SIPAT Co,Ltd LBT83005 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT83005
Rev. Date
2011-03-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
830MHz SAW Filter
20MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT83005
Typical Performance
Frequency Response
Passband Response
740
760
780
800
820
840
860
880
900
920
-91.0673
-81.0673
-71.0673
-61.0673
-51.0673
-41.0673
-31.0673
-21.0673
-11.0673
-1.0673
8.9327
Type Performance
Frequency(MHz)
800
810
820
830
840
850
860
-3.0673
-2.5673
-2.0673
-1.5673
-1.0673
-0.5673
-0.0673
0.4327
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±10MHz)
Phase Linearity(f0±10MHz)
800
810
820
830
840
850
860
-100
-50
0
50
100
150
200
X: 820
Y: 39.31
Type Performance
Frequency(MHz)
X: 840
Y: 56.53
800
810
820
830
840
850
860
-60
-40
-20
0
20
40
60
X: 820
Y: -7.996
Type Performance
Frequency(MHz)
X: 840
Y: -8.193
Horizontal: 10MHz/Div
Vertical: 50ns/Div
Horizontal: 10MHz/Div
Vertical: 20deg/Div
VSWR11(f0±10MHz)
VSWR22(f0±10MHz)
800
810
820
830
840
850
860
0.5
1
1.5
2
2.5
3
3.5
X: 820
Y: 1.132
Type Performance (VSWR1)
Frequency(MHz)
X: 840
Y: 1.81
800
810
820
830
840
850
860
0.5
1
1.5
2
2.5
3
3.5
X: 820
Y: 1.131
Type Performance (VSWR2)
Frequency(MHz)
X: 840
Y: 1.815



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com