Electronic Components Datasheet Search
  English  ▼

X  

MMBTA28 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBTA28
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA28 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBTA28 Datasheet HTML 1Page - Diodes Incorporated MMBTA28 Datasheet HTML 2Page - Diodes Incorporated MMBTA28 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30367 Rev. 2 - 2
3 of 3
MMBTA28
www.diodes.com
1
10
100
1000
100
1000
10000
100000
10000
I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical DC Current Gain
vs. Collector Current
V
= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
0.4
0.3
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 Typical Base-Emitter Voltage
vs. Collector Current
T = 150°C
A
T = 25°C
A
V
= 5V
CE
T = -50°C
A
1
10
100
1
10
100
1000
COLLECTOR CURRENT I (mA)
C
Fig. 5 Typical Gain Bandwidth Product
vs. Collector Current
V
= 5V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com