Electronic Components Datasheet Search
  English  ▼

X  

VIPER25LN Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER25LN
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25LN Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER25LN Datasheet HTML 12Page - STMicroelectronics VIPER25LN Datasheet HTML 13Page - STMicroelectronics VIPER25LN Datasheet HTML 14Page - STMicroelectronics VIPER25LN Datasheet HTML 15Page - STMicroelectronics VIPER25LN Datasheet HTML 16Page - STMicroelectronics VIPER25LN Datasheet HTML 17Page - STMicroelectronics VIPER25LN Datasheet HTML 18Page - STMicroelectronics VIPER25LN Datasheet HTML 19Page - STMicroelectronics VIPER25LN Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Operation description
VIPER25
16/40
Doc ID 15585 Rev 4
7.3
Power-up description
If the input voltage rises up till the device start level, VDRAIN_START, the VDD voltage begins to
grow due to the IDDch current (see Table 7 on page 7) coming from the internal high voltage
start-up circuit. If the VDD voltage reaches the VDDon threshold (See Table 7 on page 7) the
power MOSFET starts switching and the HV current generator is turned OFF, see Figure 23
on page 17.
The IC is powered by the energy stored in the capacitor on the VDD pin, CVDD, until when
the self-supply circuit (typically an auxiliary winding of the transformer and a steering diode)
develops a voltage high enough to sustain the operation.
CVDD capacitor must be sized enough to avoid fast discharge and keep the needed voltage
value higher than VDDoff threshold. In fact, a too low capacitance value could terminate the
switching operation before the controller receives any energy from the auxiliary winding.
The following formula can be used for the VDD capacitor calculation:
Equation 1
The tSSaux is the time needed for the steady state of the auxiliary voltage. This time is
estimated by applicator according to the output stage configurations (transformer, output
capacitances, etc.).
During normal operation, the power MOSFET is switched ON immediately after transformer
demagnetization, detected by the VIPER25, through the voltage VZCD sensed on the ZCD
pin. At power up the initial output voltage is zero and then the voltage VZCD is not high
enough to correctly arm the internal ZCD circuit. In this case, the power MOSFET is turned
ON with a fixed frequency determined by the internal oscillator. This fixed switching
frequency is FSTARTER (see Table 8 on page 8). As soon as the voltage on ZCD pin is able
to arm the ZCD circuit (i.e. its positive value exceeds VZCDAth), the turn-on of the power
MOSFET is driven by this circuit and is no more related to the internal oscillator (except for
the frequency fold-back function).
The start-up phase is managed by a dedicated internal logic and is activated every time the
device exits from UVLO because the VDD voltage exceeds the threshold VDDon. An internal
timing (tSU, see Table 8 on page 8) defines the end of the start-up phase.
During the first part of the start-up phase soft start takes place: the drain peak current is
increased cycle-by-cycle from zero as far as the maximum value, IDlim, (see Figure 24 or
Figure 25 on page 18). The duration of soft-start is tSS, (tSS < tSU, see Table 8 on page 8),
During soft-start and until the output voltage reaches its regulated value, the feedback loop
is open. To prevent an improper activation of the OLP function (see the Section 7.13 on
page 28) during soft-start and until the start-up phase is over (t = tSU), the feedback voltage
is clamped at VFBlin.(see Figure 24 on page 18).
In this way, the feedback voltage can exceed VFBlin and ramp up as far as the overload
threshold, VFBolp (see Figure 25 on page 18), which would activate the OLP function, only at
the end of the start-up phase (t > tSU) if the output voltage is still below the regulated value.
DDoff
DDon
SSaux
DDch
VDD
V
V
t
I
C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com