Electronic Components Datasheet Search
  English  ▼

X  

MMBZ27VCL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ27VCL
Description  40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ27VCL Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ27VCL Datasheet HTML 1Page - Diodes Incorporated MMBZ27VCL Datasheet HTML 2Page - Diodes Incorporated MMBZ27VCL Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30352 Rev. 3 - 2
2 of 3
MMBZ15VDL, MMBZ27VCL
www.diodes.com
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Pulse Derating Curve
01
2
3
100
50
0
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 2 Pulse Waveform
0
50
100
200
150
250
300
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE
A
Fig. 3 Steady State Power Derating Curve
FR-5 Board
01
2
3
80
0
10
20
30
40
50
60
70
BIAS (V)
Fig. 4 Typical Capacitance vs. Bias Voltage
(Lower curve is Bidirectional mode,
Upper curve is Unidirectional mode)
MMBZ15VDL
MMBZ27VCL
f = 1MHz
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information
Device
Packaging
Shipping
MMBZ15VDL-7
MMBZ27VCL-7
SOT-23
3000/Tape & Reel
(Note 4)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XXX = Product Type Marking Code, ex: KVP = MMBZ27VCL
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Year
2001
2002
2003
2004
2005
2006
2007
2008
Code
MN
P
R
ST
U
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com