Electronic Components Datasheet Search
  English  ▼

X  

IPR1FAD6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IPR1FAD6
Description  Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPR1FAD6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IPR1FAD6 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPR1FAD6 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPR1FAD6 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPR1FAD6 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPR1FAD6 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPR1FAD6 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPR1FAD6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APEM
www.apem.com
B1-15
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - momentary
Distinctive features and specifications
K
Illuminated or non-illuminated
K
Tactile feedback
K
Wide variety of configurations
K
Flat round actuator for optional marking
K
Sealed to IP67
ENVIRONMENTAL SPECIFICATIONS
• Front panel sealing : IP67 according to IEC 60529
IP69K according to DIN 40050-9 (non-illuminated) with cap U5125
• Shock resistance : 100 g according to IEC 512-4, test 6c
• Vibration resistance : 10-500Hz - 10 g according to IEC 512-4, test 6d
• Salt spray : IEC 512-6, test 11f
• Robustness (non-illuminated) : IK06 according to EN 50102 (1 joule)
• Operating temperature : -40°C to +85°C
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load (gold plated silver contacts):
5A 28VDC, 70.000 cycles
0,2A 48VDC, 500.000 cycles
0,5A 48VAC, 500.000 cycles
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1 GΩ min. at 500VDC
• Dielectric strength : 1.500 Vrms
• Contact bounce : 10 ms
MATERIALS
• Case : thermoplastic UL94-V0
• Actuator : polyamide 6/6
• Bushing/bezel : zinc die-cast
(zamac), black painted
• Contacts : silver, gold plated (std)
brass, gold plated (for option 104)
• Output wires (flying lead terminals) :
F version : AWG20, section 0,6 mm2
W version : AWG24, section 0,23 mm2
• LED wires :
F version : AWG26, section 0,12 mm2
W version : AWG24, section 0,23 mm2
• Lens : polycarbonate
• Terminal seal : epoxy
GENERAL SPECIFICATIONS
• Panel thickness : 1,5 mm (.059) min.
4 mm (.157 max.)
• Total travel :
Funct. 3 : 1,7 mm (.067) +/- 0,3 mm
Funct. 5 : 1,3 mm (.051) +/- 0,3 mm
• Typical operating force : 6N +/- 2N
• Low level/mech. life : 1.000.000 cycles
• Torque : 1,5 Nm max. applied to nut
• Soldering : 320°C max. for 3 sec.
A resistor must be series-connected by the user.
Resistor value = supply voltage - LED forward voltage
LED forward current
LED COMPONENT SPECIFICATIONS
LED colour
Forward current
Super red (L0S)
20mA
20mA
20mA
20mA
Typ. forward voltage Max. forward voltage
2,1V
2,1V
2,1V
3,2V
Yellow (L0Y)
Green (L0G)
Blue (L0B)
20mA
3,35V
2,3V
2,3V
2,3V
3,8V
4,25V
White (L0W)
AGENCY APPROVAL
2A 125VAC/250VAC
File E83438
Se
e following pages.
MOUNTING
Panel cut-out
Matrix mounting
Back of panel space requirement
Ø13.60
(.535DIA)
(.531DIA)
Ø13.50
12.90
(.507)
1
20.00
(.787)
(.787)
20.00
CIPCE1
Œ O-ring
For W terminals, current has to
be limited to 400mA.
UG1212-A-R1


Similar Part No. - IPR1FAD6

ManufacturerPart #DatasheetDescription
logo
APEM
IPR1SAD2LOS APEM-IPR1SAD2LOS Datasheet
237Kb / 4P
Pushbutton switches for harsh environments - bushing Ø 12 mm - latching
More results

Similar Description - IPR1FAD6

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com