Electronic Components Datasheet Search
  English  ▼

X  

MMBZ10VAL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ10VAL
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ10VAL Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ10VAL Datasheet HTML 1Page - Diodes Incorporated MMBZ10VAL Datasheet HTML 2Page - Diodes Incorporated MMBZ10VAL Datasheet HTML 3Page - Diodes Incorporated MMBZ10VAL Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30306 Rev. 5 - 2
2 of 4
MMBZ5V6AL - MMBZ33VAL
www.diodes.com
01
2
3
100
50
0
t = 10
ms
r
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 2 Pulse Waveform
10 X 1000 Waveform
as defined by R.E.A.
0
25
50
75
100
125
150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Pulse Derating Curve
Ordering Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2001
2002
2003
2004
2005
2006
2007
2008
Code
MN
P
R
S
T
UV
Date Code Key
XXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
(Note 4)
Device
Packaging
Shipping
(Type number)-7*
SOT-23
3000/Tape & Reel
* Example: 5.6V type = MMBZ5V6AL-7.
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Type
Number
Marking
Code
VRWM
IR @
VRWM
Breakdown Voltage
VC @IPP (Note 2)
Typical
Temperature
Coefficient
VBR (Note 3) (V)
@ IT
VC
IPP
Volts
nA
Min
Nom
Max
mA
V
A
Tc (%/
°C)
MMBZ15VAL
K9K/KDJ
12
50
14.25
15
15.75
1.0
21
1.9
+0.080
MMBZ18VAL
K9L
14.5
50
17.10
18
18.90
1.0
25
1.6
+0.090
MMBZ20VAL
K9N
17
50
19.00
20
21.00
1.0
28
1.4
+0.090
MMBZ27VAL
K9Q
22
50
25.65
27
28.35
1.0
40
1.0
+0.090
MMBZ33VAL
K9T
26
50
31.35
33
34.65
1.0
46
0.87
+0.090
40 Watt (VF = 1.1V max @ IF = 200mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com