Electronic Components Datasheet Search
  English  ▼

X  

2SC4954 Datasheet(PDF) 4 Page - NEC

Part # 2SC4954
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4954 Datasheet(HTML) 4 Page - NEC

  2SC4954 Datasheet HTML 1Page - NEC 2SC4954 Datasheet HTML 2Page - NEC 2SC4954 Datasheet HTML 3Page - NEC 2SC4954 Datasheet HTML 4Page - NEC 2SC4954 Datasheet HTML 5Page - NEC 2SC4954 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
2SC4954
S-PARAMETER
(VCE = 3 V, IC = 1 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.9550
–9.0
3.2340
168.1
0.0340
77.3
0.9870
–6.8
0.400
0.9140
–17.3
3.0460
154.7
0.0650
76.7
0.9640
–13.4
0.600
0.8630
–25.8
2.9630
144.2
0.0930
71.6
0.9250
–19.5
0.800
0.7880
–33.1
2.7870
133.1
0.1180
66.7
0.8850
–24.3
1.000
0.7320
–39.1
2.6480
123.5
0.1360
63.7
0.8330
–28.9
1.200
0.6720
–45.2
2.5390
114.4
0.1570
57.2
0.7820
–33.2
1.400
0.5910
–50.5
2.3460
106.8
0.1780
56.3
0.7570
–37.1
1.600
0.5430
–55.0
2.2000
99.0
0.1870
51.7
0.7250
–40.1
1.800
0.4830
–57.4
2.0710
91.6
0.2030
51.3
0.6720
–43.2
2.000
0.4240
–60.7
1.9590
85.7
0.2090
50.4
0.6490
–46.1
2.200
0.3710
–66.9
1.8970
79.8
0.2240
50.9
0.6230
–49.1
2.400
0.3390
–68.0
1.8100
74.8
0.2440
47.8
0.5970
–49.4
2.600
0.3030
–71.3
1.6980
70.2
0.2530
47.7
0.5740
–54.1
2.800
0.2460
–72.2
1.6530
64.7
0.2550
44.5
0.5610
–56.8
3.000
0.1990
–68.9
1.5750
59.9
0.2830
43.0
0.5130
–61.6
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.8730
–15.0
7.3980
159.5
0.0340
74.6
0.9590
–11.1
0.400
0.7600
–26.2
6.3600
140.6
0.0580
71.3
0.8830
–18.9
0.600
0.6530
–35.6
5.5680
127.0
0.0840
69.6
0.7970
–25.7
0.800
0.6530
–35.6
5.5680
127.0
0.0840
69.6
0.7970
–25.7
1.000
0.4750
–45.3
4.1940
105.8
0.1160
64.0
0.6690
–32.7
1.200
0.4110
–48.3
3.7680
98.0
0.1330
64.0
0.6690
–32.7
1.400
0.3470
–49.3
3.3170
91.8
0.1510
61.9
0.6060
–36.3
1.600
0.3190
–50.4
3.0080
85.7
0.1600
62.5
0.5720
–37.6
1.800
0.2830
–46.5
2.7180
79.4
0.1820
58.0
0.5510
–39.9
2.000
0.2510
–45.6
2.5040
74.9
0.1980
57.5
0.5290
–41.8
2.200
0.2020
–48.2
2.3810
70.4
0.2150
56.6
0.5170
–44.1
2.400
0.1940
–47.4
2.2280
66.0
0.2290
53.2
0.5070
–45.2
2.600
0.1850
–47.8
2.0580
62.7
0.2310
56.3
0.4920
–49.6
2.800
0.1710
–39.0
1.9740
57.8
0.2620
54.7
0.4670
–51.7
3.000
0.1430
–31.7
1.8480
54.4
0.2940
53.6
0.4160
–54.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com