Electronic Components Datasheet Search
  English  ▼

X  

IXTH26N60P Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTH26N60P
Description  PolarHV Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH26N60P Datasheet(HTML) 5 Page - IXYS Corporation

  IXTH26N60P Datasheet HTML 1Page - IXYS Corporation IXTH26N60P Datasheet HTML 2Page - IXYS Corporation IXTH26N60P Datasheet HTML 3Page - IXYS Corporation IXTH26N60P Datasheet HTML 4Page - IXYS Corporation IXTH26N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS All rights reserved
TO-268 (IXTT) Outline
IXTH26N60P IXTQ26N60P
IXTT26N60P IXTV26N60P IXTV26N60PS
PLUS220SMD (IXFV_S) Outline
PLUS220 (IXTV) Outline
TO-247 (IXTH) Outline
Terminals: 1 - Gate
2 - Drain
1
2
3
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
TO-3P (IXTQ) Outline



Html Pages

1 2 3 4 5