Electronic Components Datasheet Search
  English  ▼

X  

450-3021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 450-3021
Description  High Visibility Color Knobs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

450-3021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  450-3021 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
H
B
.098
.531 .606
High Visibility Color Knobs
450-3021, 450-3022, 450-3023, 450-3024
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200002
Date Last Revised: 10-20-05
ELECTRICAL SPECIFICATIONS
ABS plastic
ø.238" (ø6.05mm)
18T spline shaft
Material:
Shaft:
Fits:
450-3021
Black with red cap
.52
.47
.65
450-3022
Black with yellow cap
.52
.47
.65
450-3023
Black with blue cap
.52
.47
.65
450-3024
Black with green cap
.52
.47
.65
Dimensions: In.
Color
B
AH
Dimensions (In.)
Mouser
Stock No.
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 450-3021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-3000 ETC2-450-3000 Datasheet
118Kb / 1P
Aluminum Knob
450-3001 ETC2-450-3001 Datasheet
118Kb / 1P
Aluminum Knob
450-3031 ETC2-450-3031 Datasheet
124Kb / 1P
High Visibility Color Knobs
450-3032 ETC2-450-3032 Datasheet
124Kb / 1P
High Visibility Color Knobs
450-3033 ETC2-450-3033 Datasheet
124Kb / 1P
High Visibility Color Knobs
More results

Similar Description - 450-3021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-2040-GRX ETC2-450-2040-GRX Datasheet
97Kb / 2P
High Visibility Color Knobs
450-3031 ETC2-450-3031 Datasheet
124Kb / 1P
High Visibility Color Knobs
450-3180-GRX ETC2-450-3180-GRX Datasheet
75Kb / 1P
High Visibility Color Knobs
450-AA150 ETC2-450-AA150 Datasheet
143Kb / 2P
Color Coded Plastic Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com