Electronic Components Datasheet Search
  English  ▼

X  

SP35001 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP35001
Description  350MHz Low-loss SAW Filter 45MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP35001 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP35001 Datasheet HTML 1Page - SIPAT Co,Ltd SP35001 Datasheet HTML 2Page - SIPAT Co,Ltd SP35001 Datasheet HTML 3Page - SIPAT Co,Ltd SP35001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP35001
Rev. Date
2007-04-25
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 2/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
350MHz Low-loss SAW Filter
45MHz Bandwidth
Part Number: SP35001
Package Dimension
1) ·: Pad Number 1 Index
2) SIPAT: Manufacturer name
3) SP35001: Part Number
4) 07XX: Date Code
Input
9
Output
4
Ground
1,2,3,5,6,7,8,10
Package: SMD7.0*5.0
Unit: mm
4
3
2
5
6
7
8
9
10
1
1
3
2
9
10
8
7
6
5
4
SIPAT
SP35001
07XX
7.00
0.60
1.00
1.27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com