Electronic Components Datasheet Search
  English  ▼

X  

SP40001 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP40001
Description  400MHz Low-loss SAW Filter 45MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP40001 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP40001 Datasheet HTML 1Page - SIPAT Co,Ltd SP40001 Datasheet HTML 2Page - SIPAT Co,Ltd SP40001 Datasheet HTML 3Page - SIPAT Co,Ltd SP40001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP40001
Rev. Date
2007-04-25
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
400MHz Low-loss SAW Filter
45MHz Bandwidth
Part Number: SP40001
Typical Performance
Frequency Respond
Passband Respond
350
360
370
380
390
400
410
420
430
440
450
-75.851
-65.851
-55.851
-45.851
-35.851
-25.851
-15.851
-5.851
Type Performance
Frequency(MHz)
3dB CF = 401.7181MHz
1.5dB = 45.0237MHz
3dB = 46.2487MHz
35dB = 53.795MHz
Insert Loss = -15.851dB
Passband Ripple = 0.83616dB
Ultimate Rejection = 31.0934dB
Group Delay = 41.4691ns
Phase Linearity = 13.2384deg
Absolute Delay = 439.1817ns
Horizontal: 10MHz/Div
Vertical: 10dB/Div
350
360
370
380
390
400
410
420
430
440
450
-17.851
-17.351
-16.851
-16.351
-15.851
-15.351
-14.851
-14.351
-13.851
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±20MHz)
Phase Linearity(f0±20MHz)
350
360
370
380
390
400
410
420
430
440
450
250
300
350
400
450
500
550
600
X: 400
Y: 445.9
Type Performance
Frequency(MHz)
X: 420
Y: 430.8
X: 380
Y: 430.9
Horizontal: 10MHz/Div
Vertical: 50ns/Div
350
360
370
380
390
400
410
420
430
440
450
-30
-20
-10
0
10
20
30
X: 400
Y: -1.081
Type Performance
Frequency(MHz)
X: 420
Y: 1.931
X: 380
Y: 6.256
Horizontal: 10MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com