Electronic Components Datasheet Search
  English  ▼

X  

SP43204 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP43204
Description  50 廓 RF Digital Attenuator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43204 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP43204 Datasheet HTML 1Page - SIPAT Co,Ltd SP43204 Datasheet HTML 2Page - SIPAT Co,Ltd SP43204 Datasheet HTML 3Page - SIPAT Co,Ltd SP43204 Datasheet HTML 4Page - SIPAT Co,Ltd SP43204 Datasheet HTML 5Page - SIPAT Co,Ltd SP43204 Datasheet HTML 6Page - SIPAT Co,Ltd SP43204 Datasheet HTML 7Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
The SP43204 is a 50
Ω, HaRP™-enhanced, high linearity, 2-bit
RF Digital Step Attenuator (DSA) covering an 18 dB
attenuation range in 6 dB steps. With a parallel control
interface, it maintains high attenuation accuracy, fast switching
speed, low insertion loss and low power consumption. This
next generation Peregrine DSA is available in a 3x3 mm 12-
lead QFN footprint.
The SP43204 is manufactured on SIPAT's CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
2-bit; 0, 6, 12, and 18 dB States
Product Description
Figure 2. Functional Schematic Diagram
SP43204
Features
• HaRP™-enhanced CMOS device
• Fast switching speed: Typical 26 ns
• High Linearity: Typical +61 dBm IP3
• Small α-Error
• Best in class 2000 V HBM ESD tolerance
• Attenuation: 6, 12, and 18 dB States
• Parallel Control
• CMOS Compatible
• Packaged in a 12-lead 3x3x0.85 mm QFN
Figure 1. Package Type
12-lead 3x3x0.85 mm QFN Package
Control Logic
Interface
RF Output
Switched Attenuator Array
2
Parallel Control
RF Input
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
next generation SIPAT DSA is available in a 3x3 mm 12-


Similar Part No. - SP43204

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP432 SIPEX-SP432 Datasheet
362Kb / 14P
High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
Low Voltage Adjustable Precision Shunt Regulators
logo
Littelfuse
SP4322 LITTELFUSE-SP4322 Datasheet
950Kb / 5P
SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
979Kb / 5P
TVS Diode Arrays (SPA ? Diodes) Low Capacitance ESD Protection - SP4322
Revision: 04/14/20
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
950Kb / 5P
SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
More results

Similar Description - SP43204

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP43701 SIPAT-SP43701 Datasheet
1Mb / 12P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
50 廓 RF Digital Attenuator
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
50 廓 RF Digital Attenuator
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com