Electronic Components Datasheet Search
  English  ▼

X  

MMSTA14 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMSTA14
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA14 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMSTA14 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS30165 Rev. B-1
1 of 1
MMSTA13/MMSTA14
MMSTA13/MMSTA14
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Type Available
(MMSTA63/MMSTA64)
·
Ideal for Medium Power Amplification and
Switching
·
High Current Gain
·
Ultra-Small Surface Mount Package
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
M
B C
H
G
D
K
TOP VIEW
C
E
B
Mechanical Data
·
Case: SOT-323, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
MMSTA13 Marking K2D, K3D
·
MMSTA14 Marking K3D
·
Weight: 0.006 grams (approx.)
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width
£ 300ms, duty cycle £ 2%.
SOT-323
Dim
Min
Max
A
0.30
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
All Dimensions in mm
Characteristic
Symbol
MMSTA13
MMSTA14
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Current - Continuous (Note 1)
IC
300
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
K/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Emitter Breakdown Voltage
V(BR)CEO
30
¾
V
IC = 100
mAVBE = 0V
Collector Cutoff Current
ICBO
¾
100
nA
VCB = 30V, IE = 0
Emitter Cutoff Current
IEBO
¾
100
nA
VEB = 10V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
MMSTA13
MMSTA14
MMSTA13
MMSTA14
hFE
5,000
10,000
10,000
20,000
¾¾
IC = 10mA, VCE = 5.0V
IC = 10mA, VCE = 5.0V
IC = 100mA, VCE = 5.0V
IC = 100mA, VCE = 5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
1.5
V
IC = 100mA, IB = 100
mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
2.0
V
IC = 100mA, VCE = 5.0V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
8.0 Typical
pF
VCB = 10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
15 Typical
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
125
¾
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz


Similar Part No. - MMSTA14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA14 DIODES-MMSTA14 Datasheet
88Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30165 Rev. 8 - 2
MMSTA14-7-F DIODES-MMSTA14-7-F Datasheet
88Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30165 Rev. 8 - 2
MMSTA14-7-F DIODES-MMSTA14-7-F Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 9 - 2
More results

Similar Description - MMSTA14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 11
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Micro Commercial Compon...
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
NPN Surface Mount Darlington Transistor
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
NPN Surface Mount Darlington Transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
NPN Surface Mount Darlington Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com