Electronic Components Datasheet Search
  English  ▼

X  

QD Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # QD
Description  1A / 90V Snubber Damping Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QD Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  QD Datasheet HTML 1Page - Cystech Electonics Corp. QD Datasheet HTML 2Page - Cystech Electonics Corp. QD Datasheet HTML 3Page - Cystech Electonics Corp. QD Datasheet HTML 4Page - Cystech Electonics Corp. QD Datasheet HTML 5Page - Cystech Electonics Corp. QD Datasheet HTML 6Page - Cystech Electonics Corp. QD Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C203SH
Issued Date : 2013.05.30
Revised Date : 2014.03.07
Page No. : 3/7
QD
CYStek Product Specification
Typical Characteristics
Power Derating Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
175
200
Ambient Temperature---TA(℃)
Forward Current vs Forward Voltage
1
10
100
1000
10000
0
0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
0℃
125℃
-40°C
25°C
75°C
Reverse Leakage Current vs Reverse Voltage
1
10
100
0
10
2030
4050
6070
8090 100
Reverse Voltage---VR(V)
Tj=75℃
Tj=25℃
Tj=125℃
Junction Capacitance vs Reverse Voltage
1
10
100
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VD, Forward Voltage(V)
DC
10ms
100ms
1ms
1μs
TA=25°C, Tj=150°C
RθJA=250°C/W
Single Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com