Electronic Components Datasheet Search
  English  ▼

X  

QJ-2L Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # QJ-2L
Description  1A Snubber Damping Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJ-2L Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  QJ-2L Datasheet HTML 1Page - Cystech Electonics Corp. QJ-2L Datasheet HTML 2Page - Cystech Electonics Corp. QJ-2L Datasheet HTML 3Page - Cystech Electonics Corp. QJ-2L Datasheet HTML 4Page - Cystech Electonics Corp. QJ-2L Datasheet HTML 5Page - Cystech Electonics Corp. QJ-2L Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C211A2
Issued Date : 2012.11.07
Revised Date : 2013.07.10
Page No. : 2/6
QJ-2L
CYStek Product Specification
Absolute Maximum Ratings (TA=25℃, unless otherwise noted)
Parameters
Conditions
Symbol
Value
Units
Repetitive peak reverse voltage
VRRM
600
V
RMS voltage
VRMS
420
V
Continuous reverse voltage
VR
600
V
Forward rectified current
Single phase half wave,
60Hz @TJ=25°C
IF(AV)
1
A
Forward surge current
8.3ms single half sine-wave
superimposed on rated load
(JEDEC method)
IFSM
10
A
Thermal resistance
Junction to Ambient
RθJA
200
°C/W
Maximum reverse recovery time
IF=0.5A, IR=1.0A,
IRR=0.25A
trr
3
μs
Storage temperature range
Tstg
-55~+150
°C
Operating junction temperature range
Tj
-55~+150
°C
Characteristics (TA=25
°C, unless otherwise noted)
Characteristic
Symbol
Condition
Min.
Typ
Max.
Unit
VR
IR=100
μA
600
-
-
V
VF 1
IF=100mA
-
-
0.95
Forward Voltage
VF 2
IF=500mA
-
-
1.2
V
IR
VR=540V
-
-
100
nA
Reverse Leakage Current
IR
VR=540V, TA=125
°C
-
-
10
μA
Junction Capacitance
CJ
VR=1V, f=1MHz
-
6
-
pF
Ordering Information
Device
Package
Shipping
QJ-2L-0-BK-G
TO-92-2L
(Pb-free lead plating and halogen-free package)
1000 pcs / bag, 10 bags/box,
10 boxes/carton
QJ-2L-0-TB-G
TO-92
(Pb-free lead plating and halogen-free package)
2000 pcs / Tape & Box



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com