Electronic Components Datasheet Search
  English  ▼

X  

QJCTM3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # QJCTM3
Description  1A Snubber Damping Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJCTM3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  QJCTM3 Datasheet HTML 1Page - Cystech Electonics Corp. QJCTM3 Datasheet HTML 2Page - Cystech Electonics Corp. QJCTM3 Datasheet HTML 3Page - Cystech Electonics Corp. QJCTM3 Datasheet HTML 4Page - Cystech Electonics Corp. QJCTM3 Datasheet HTML 5Page - Cystech Electonics Corp. QJCTM3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C211M3
Issued Date : 2013.07.18
Revised Date :
Page No. : 5/6
QJM3, QJCTM3
CYStek Product Specification
Recommended wave soldering condition
Soldering Time
Product
Peak Temperature
Pb-free devices
5 +1/-1 seconds
260 +0/-5
°C
Recommended temperature profile for IR reflow
Pb-free Assembly
Profile feature
Sn-Pb eutectic Assembly
Average ramp-up rate
3
°C/second max.
3
°C/second max.
(Tsmax to Tp)
Preheat
100
°C
150
°C
−Temperature Min(TS min)
−Temperature Max(TS max)
150
°C
200
°C
−Time(ts min to ts max)
60-120 seconds
60-180 seconds
Time maintained above:
−Temperature (TL)
183
°C
217
°C
− Time (tL)
60-150 seconds
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
10-30 seconds
20-40 seconds
temperature(tp)
Ramp down rate
6
°C/second max.
6
°C/second max.
6 minutes max.
8 minutes max.
Time 25
°C to peak temperature
Note : All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com