Electronic Components Datasheet Search
  English  ▼

X  

450-MAS71 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 450-MAS71
Description  Knobs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

450-MAS71 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  450-MAS71 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: mm (In.)
Knobs
450-MAS51, 450-MAS52, 450-MAS53, 450-MAS54,
450-MAS71, 450-MAS72, 450-MAS91, 450-MAS92
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200211
A
B
E
C
D
10.92
(.43)
15.88
(.625)
.78
(.03)
3.20
(.126)
13
(.512)
7.13
(.281) 4 (.157)
90°
120°
Indicator Line
1.80
(.07)
Date Last Revised: 5/22/07
SPECIFICATIONS
Material:
Finish:
Tolerance:
Solid Aluminum
Spin
ø0-4±.10mm, ø4.10-16±.25mm, ø16-64±.30mm
DIMENSIONS MM (IN.)
Mouser Stock No.
450-MAS51
450-MAS52
450-MAS53
450-MAS54
450-MAS71
450-MAS72
450-MAS91
450-MAS92
AB
C
D
E
Body
12.7 (0.50)
10.9 (0.43)
9.5 (0.37)
18.8 (0.74)
3.2 (0.13)
Natural
12.7 (0.50)
10.9 (0.43)
9.5 (0.37)
18.8 (0.74)
3.2 (0.13)
Black
12.7 (0.50)
10.9 (0.43)
9.5 (0.37)
18.8 (0.74)
6.4 (0.25)
Natural
12.7 (0.50)
10.9 (0.43)
9.5 (0.37)
18.8 (0.74)
6.4 (0.25)
Black
19.0 (0.74)
16.5 (0.65)
15.0 (0.59)
28.5 (1.12)
6.4 (0.25)
Natural
19.0 (0.74)
16.5 (0.65)
15.0 (0.59)
28.5 (1.12)
6.4 (0.25)
Black
23.8 (0.94)
20.8 (0.82)
18.0 (0.71)
35.5 (1.40)
6.4 (0.25)
Natural
23.8 (0.94)
20.8 (0.82)
18.0 (0.71)
35.5 (1.40)
6.4 (0.25)
Black


Similar Part No. - 450-MAS71

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-MLN54 ETC2-450-MLN54 Datasheet
187Kb / 1P
Metal Knob
450-MPN71 ETC2-450-MPN71 Datasheet
192Kb / 2P
Instrument Control Knobs
450-MPN72 ETC2-450-MPN72 Datasheet
192Kb / 2P
Instrument Control Knobs
450-MPN91 ETC2-450-MPN91 Datasheet
192Kb / 2P
Instrument Control Knobs
450-MPN92 ETC2-450-MPN92 Datasheet
192Kb / 2P
Instrument Control Knobs
More results

Similar Description - 450-MAS71

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN016-GRX ETC1-45KN016-GRX Datasheet
78Kb / 1P
Rotary Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
45KN030 ETC1-45KN030 Datasheet
122Kb / 1P
Aluminum Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-KB100 ETC2-450-KB100 Datasheet
146Kb / 1P
Knobs
450-KLN510 ETC2-450-KLN510 Datasheet
72Kb / 1P
Knobs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com