Electronic Components Datasheet Search
  English  ▼

X  

RS3A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RS3A
Description  3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS3A Datasheet(HTML) 1 Page - Diodes Incorporated

  RS3A Datasheet HTML 1Page - Diodes Incorporated RS3A Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S15005 Rev. E-2
1 of 2
RS3A/B - RS3M/B
RS3A/B - RS3M/B
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Features
AB, BB, DB, GB, JB, KB, MB Suffix Designates SMB Package
A, B, D, G, J, K, M Suffix Designates SMC Package
SMB
SMC
Dim
Min
Max
Min
Max
A
3.30
3.94
5.59
6.22
B
4.06
4.57
6.60
7.11
C
1.96
2.21
2.75
3.18
D
0.15
0.31
0.15
0.31
E
5.00
5.59
7.75
8.13
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.00
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Fast Recovery Time for High Efficiency
·
Low Forward Voltage Drop and High Current
Capability
·
Surge Overload Rating to 100A Peak
·
Ideally Suited for Automatic Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking: Type Number
·
SMB Weight: 0.09 grams (approx.)
·
SMC Weight: 0.20 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RS3
A/AB
RS3
B/BB
RS3
D/DB
RS3
G/GB
RS3
J/JB
RS3
K/KB
RS3
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 75
°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
100
A
Forward Voltage
@ IF = 3.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 125
°C
IRM
5.0
250
mA
Maximum Recovery Time (Note 3)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance Junction to Terminal (Note 1)
RqJT
25
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance: junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.


Similar Part No. - RS3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
RS3A TSC-RS3A Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results

Similar Description - RS3A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
MURS320 DIODES-MURS320_1 Datasheet
235Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3B-13 DIODES-ES3B-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 15
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
logo
Shenzhen Yixinwei Techn...
RS3AB YIXIN-RS3AB Datasheet
143Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com